Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65177 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TPS65177
Descripción Electrónicos  Programmable 6-CH LCD Bias IC
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65177 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65177_16 Datasheet HTML 2Page - Texas Instruments TPS65177_16 Datasheet HTML 3Page - Texas Instruments TPS65177_16 Datasheet HTML 4Page - Texas Instruments TPS65177_16 Datasheet HTML 5Page - Texas Instruments TPS65177_16 Datasheet HTML 6Page - Texas Instruments TPS65177_16 Datasheet HTML 7Page - Texas Instruments TPS65177_16 Datasheet HTML 8Page - Texas Instruments TPS65177_16 Datasheet HTML 9Page - Texas Instruments TPS65177_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
6
TPS65177, TPS65177A
SLVSBC9C – MARCH 2012 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS65177 TPS65177A
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
6.3
Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VI
Supply input voltage range
8.6
12
14.7
V
C(VL)
Internal 5 V regulator (VL) buffer capacitance (after DC-Bias derating)
0.1
1
4.7
µF
BOOST CONVERTER
V(AVDD)
Boost output voltage range
13.5
19.8
V
L
Boost inductor (inductor value that can be used)
4.7
6.8
10
µH
CI
Input capacitor placed at the inductor (ceramic capacitor value)
4.7
10
µF
C(SWI)
Isolation Switch input capacitor (ceramic capacitor value)
4.7
10
100
µF
C(SWO)
Isolation Switch output capacitor (ceramic capacitor value)
20
40
200
µF
BUCK 1 CONVERTER
V(IO)
Buck 1 output voltage range
2.2
3.7
V
L
Buck 1 inductor (inductor value that can be used)
4.7
6.8
10
µH
CI
Buck 1 input capacitor (ceramic capacitor value)
4.7
10
µF
COUT
Buck 1 output capacitor (ceramic capacitor value)
20
30
100
µF
BUCK 2 CONVERTER
V(CORE)
Buck 2 output voltage range
0.8
3.3
V
L
Buck 2 inductor (inductor value that can be used)
4.7
6.8
10
µH
CI
Buck 2 input capacitor (ceramic capacitor value)
4.7
10
µF
COUT
Buck 2 output capacitor (ceramic capacitor value)
10
20
50
µF
BUCK 3 CONVERTER
V(HAVDD)
Buck 3 output voltage range
4.8
11.1
V
L
Buck 3 inductor (inductor value that can be used)
4.7
6.8
10
µH
CIN
Buck 3 input capacitor (ceramic capacitor value)
4.7
10
µF
COUT
Buck 3 output capacitor (ceramic capacitor value)
4.7
10
50
µF
NEGATIVE CHARGE PUMP CONTROLLER
V(GL)
Controller output voltage range
–5.5
–14.5
V
C(FLY)
Flying capacitor (ceramic capacitor value)
0.1
0.47
4.7
µF
R(switch)
Resistance to the switch pin
0
2.2
20
Ω
COUT
Output capacitor (ceramic capacitor value)
1
4.7
50
µF
POSITIVE CHARGE PUMP CONTROLLER
V(GH)
Controller output voltage range
20
40
V
V(GH_offset)
Temperature compensation V(GH) positive offset
0
15
V
C(FLY)
Flying capacitor (ceramic capacitor value)
0.1
0.47
4.7
µF
R(switch)
Resistance to the switch pin
0
2.2
20
Ω
COUT
Output capacitor (ceramic capacitor value)
1
4.7
50
µF
TEMPERATURE
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
RHA (VQFN)
UNIT
40 PINS
RθJA
Junction-to-ambient thermal resistance
32.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
20.3
°C/W
RθJB
Junction-to-board thermal resistance
7.9
°C/W
ψJT
Junction-to-top characterization parameter
0.3
°C/W
ψJB
Junction-to-board characterization parameter
7.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.6
°C/W


Número de pieza similar - TPS65177_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65177RHAR TI1-TPS65177RHAR Datasheet
504Kb / 8P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
More results

Descripción similar - TPS65177_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Global Mixed-mode Techn...
G5567 GMT-G5567 Datasheet
118Kb / 1P
   6-CH Bias Power Supply for LCD TVs
logo
MagnaChip Semiconductor...
MAP7102 MGCHIP-MAP7102 Datasheet
1Mb / 17P
   Dual Output LCD Bias IC
logo
Kinetic Technologies.
KTD2151 KINETIC-KTD2151 Datasheet
876Kb / 21P
   Programmable Dual Output LCD Bias Power
April 2020 - Revision 04f
KTD2150 KINETIC-KTD2150 Datasheet
933Kb / 21P
   Programmable Dual Output LCD Bias Power
August 2020 - Revision 04d
KTD2159 KINETIC-KTD2159 Datasheet
980Kb / 13P
   Programmable Dual Output LCD Bias Power
November 2016 - Revision 04a
KTZ8866 KINETIC-KTZ8866 Datasheet
1Mb / 37P
   High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
January 2022 - Revision 04b
logo
Global Mixed-mode Techn...
G2561 GMT-G2561 Datasheet
126Kb / 1P
   Programmable Multi-Output TFT LCD Bias Power
logo
Texas Instruments
TPS65150 TI1-TPS65150_16 Datasheet
1Mb / 47P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC
TPS65154 TI1-TPS65154 Datasheet
2Mb / 87P
[Old version datasheet]   LCD Bias IC with Integrated WLED Driver
TPS65162 TI-TPS65162 Datasheet
1Mb / 36P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV-LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com