Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65320-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS65320-Q1
Descripción Electrónicos  40-V Step-Down Converter With Eco-mode
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65320-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65320-Q1 Datasheet HTML 3Page - Texas Instruments TPS65320-Q1 Datasheet HTML 4Page - Texas Instruments TPS65320-Q1 Datasheet HTML 5Page - Texas Instruments TPS65320-Q1 Datasheet HTML 6Page - Texas Instruments TPS65320-Q1 Datasheet HTML 7Page - Texas Instruments TPS65320-Q1 Datasheet HTML 8Page - Texas Instruments TPS65320-Q1 Datasheet HTML 9Page - Texas Instruments TPS65320-Q1 Datasheet HTML 10Page - Texas Instruments TPS65320-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
7
TPS65320-Q1
www.ti.com
SLVSAY9F – DECEMBER 2012 – REVISED MARCH 2016
Product Folder Links: TPS65320-Q1
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
VI = 6 V to 27 V, EN1 = EN2 = VI, over-operating free-air temperature range TA = –40°C to +125°C and maximum operating
junction temperature TJ = –40°C to +150°C, unless otherwise noted. VI is the voltage on the battery-supply pins, VIN and
VIN_LDO.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
COMP to switch-current
transconductance
10.5
S
Vref1
Voltage reference for FB1 pin
Buck regulator output: 3.6 V to 10 V
0.788
0.8
0.812
V
BUCK REGULATOR: CURRENT-LIMIT
Current-limit threshold
V(VIN) = 12 V, TJ = 25°C
4
6
A
BUCK REGULATOR: TIMING RESISTOR AND EXTERNAL CLOCK (RT/CLK PIN)
RT/CLK
High threshold
1.9
2.2
V
RT/CLK
Low threshold
0.5
0.7
V
BUCK REGULATOR: INTERNAL SOFT START TIMER
IS(SS)
Soft-start source current
V(SS) = 0 V
1
2
4
μA
LDO REGULATOR
ΔVO(ΔVI)
Line regulation
V(VIN) = 6 V to 30 V, I(LDO_OUT) = 10 mA,
V(LDO_OUT) = 3.3 V
20
mV
ΔVO(ΔIL)
Load regulation
I(LDO_OUT) = 10 mA to 200 mA, V(VIN_LDO) = 14
V, V(LDO_OUT) = 3.3 V
35
mV
VDROPOUT
(V(VIN_LDO)
V(LDO_OUT))
Dropout voltage
I(LDO_OUT) = 200 mA
300
450
mV
I(LDO_OUT)
Output current
V(LDO_OUT) in regulation
0
280
mA
Error-amplifier dc gain
800
V/V
V(VIN_LDO)
Operating input voltage on
VIN_LDO pin
Buck regulator is in regulation and supplying
at least LDO output plus dropout voltage
VDROPOUT
3
20
V
Vref2
Voltage reference for FB2 pin
V(LDO_OUT) = 1.2 V to 5 V
0.788
0.8
0.812
V
ICL(LDO_OUT) Output current limit
V(LDO_OUT) = 0 V (LDO_OUT pin is shorted to
ground.)
280
1000
mA
IQ(LDO)
Quiescent current
V(VIN) > 9 V, V(EN1) = 0 V, V(EN2) = 5 V,
I(LDO_OUT) = 0.01 mA to 0.75 mA, TJ = 25°C
28
75
μA
PSRR
Power supply ripple rejection
V(VIN_LDO)(rip) = 0.5 VPP, I(LDO_OUT) = 200 mA,
frequency = 100 Hz, V(LDO_OUT) = 5 V and
V(LDO_OUT) = 3.3 V
60
dB
PSRR
Power supply ripple rejection
VVIN_LDO(rip) = 0.5 VPP, I(LDO_OUT) = 200 mA,
frequency = 150 kHz, V(LDO_OUT) = 5 V and
V(LDO_OUT) = 3.3 V
30
dB
Output capacitor
ESR = 0.001
Ω to 100 mΩ, large output
capacitance may be required for load
transient, V(LDO_OUT) ≥ 3.3 V
1
40
μF
ESR = 0.001
Ω to 100 mΩ, large output
capacitance may be required for load
transient, 1.2 V
≤ V(LDO_OUT) < 3.3 V
20
40
μF
LDO REGULATOR: RESET (nRST PIN)
RESET threshold
V(LDO_OUT) decreasing
88%
92%
95%
VOH
Output high
Reset released due to rising LDO_OUT,
V(LDO_OUT) ≥ 3.3 V, IOH = 100 µA
–5% ×
V(LDO_OUT)
V
VOL
Output low
Reset asserted due to falling LDO_OUT, IOL =
1 mA
0
0.045
0.4
V
OVERTEMPERATURE PROTECTION
TSD
Thermal-shutdown trip point
155
ºC
Thys
Hysteresis
10
ºC


Número de pieza similar - TPS65320-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65320C-Q1 TI1-TPS65320C-Q1 Datasheet
80Kb / 4P
[Old version datasheet]   36-V Step-Down Converter
TPS65320C-Q1 TI1-TPS65320C-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65320C-Q1 TI1-TPS65320C-Q1_16 Datasheet
1Mb / 41P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65320CQPWPRQ1 TI1-TPS65320CQPWPRQ1 Datasheet
1Mb / 41P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode and LDO Regulator
More results

Descripción similar - TPS65320-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65320QPWPRQ1 TI-TPS65320QPWPRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   40-V Step-Down Converter With Eco-mode??Codec and LDO Regulator
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
LMR14010A TI1-LMR14010A Datasheet
609Kb / 23P
[Old version datasheet]   4-V to 40-V, 1-A Step-Down Converter With High Efficiency Eco-mode
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
[Old version datasheet]   Step-Down DC-DC Converter With Eco-mode
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS54360 TI1-TPS54360 Datasheet
314Kb / 10P
[Old version datasheet]   60 V Input, 3.5 A, Step Down Converter with Eco-mode?
TPS65320C-Q1 TI1-TPS65320C-Q1_16 Datasheet
1Mb / 41P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65321A-Q1 TI1-TPS65321A-Q1 Datasheet
4Mb / 43P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode and LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com