Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS560200DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS560200DBVT
Descripción Electrónicos  4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS560200DBVT Datasheet(HTML) 1 Page - Texas Instruments

  TPS560200DBVT Datasheet HTML 1Page - Texas Instruments TPS560200DBVT Datasheet HTML 2Page - Texas Instruments TPS560200DBVT Datasheet HTML 3Page - Texas Instruments TPS560200DBVT Datasheet HTML 4Page - Texas Instruments TPS560200DBVT Datasheet HTML 5Page - Texas Instruments TPS560200DBVT Datasheet HTML 6Page - Texas Instruments TPS560200DBVT Datasheet HTML 7Page - Texas Instruments TPS560200DBVT Datasheet HTML 8Page - Texas Instruments TPS560200DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
PH
GND
VSENSE
EN
Co
Lo
R1
R2
Cin
VIN
VIN
VOUT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS560200
SLVSC81C – SEPTEMBER 2013 – REVISED FEBRUARY 2016
TPS560200 4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter With
Advanced Eco-Mode™
1
1 Features
1
Integrated Monolithic 0.95-
Ω High-Side and 0.33-
Ω Low-Side MOSFETs
500-mA Continuous Output Current
Output Voltage Range: 0.8 V to 6.5 V
0.8-V Voltage Reference With ±1.3% Accuracy
Over Temperature
Auto-Skip Advanced Eco-Mode™ for High
Efficiency at Light Loads
D-CAP2™ Mode Enables Fast Transient
Responses
No External Compensation Needed
600-kHz Switching Frequency
2-ms Internal Soft-Start
Safe Start-Up into Prebiased VOUT
Thermal Shutdown
–40°C to 125°C Operating Junction Temperature
Range
Available in 5-Pin SOT-23 Package
2 Applications
Set Top Boxes
Modems
DTBs
ASDLs
3 Description
The TPS560200 is an 17-V, 500-mA, low-Iq, adaptive
on-time D-CAP2 mode synchronous monolithic buck
converter with integrated MOSFETs in easy-to-use 5-
pin SOT-23 package.
The TPS560200 lets system designers complete the
suite of various end-equipment power bus regulators
with a cost-effective, low component count and low
standby current solution. The main control loop for
the device uses the D-CAP2 mode control that
provides a fast transient response with no external
compensation components. The adaptive on-time
control supports seamless transition between PWM
mode at higher load conditions and advanced Eco-
Mode operation at light loads.
The TPS560200 also has a proprietary circuit that
enables the device to adopt to both low equivalent
series resistance (ESR) output capacitors, such as
POSCAP or SP-CAP, and ultra-low ESR ceramic
capacitors. The device operates from 4.5-V to 17-V
VIN input. The output voltage can be programmed
between 0.8 V and 6.5 V. The device also features a
fixed 2-ms soft-start time. The device is available in
the 5-pin SOT-23 package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS560200
SOT (5)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic


Número de pieza similar - TPS560200DBVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS560200DBVT TI1-TPS560200DBVT Datasheet
950Kb / 18P
[Old version datasheet]   4.5V to 17V Input, 500mA Synchronous Step Down SWIFT Converte rwith Advanced Eco-mode
TPS560200DBVT TI-TPS560200DBVT Datasheet
912Kb / 18P
[Old version datasheet]   4.5V to 17V Input, 500mA Synchronous Step Down SWIFT Converter with Advanced Eco-mode
More results

Descripción similar - TPS560200DBVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS560200-Q1 TI1-TPS560200-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down SWIFT??Converter With Advanced Eco-mode?
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
TPS560200 TI-TPS560200_15 Datasheet
939Kb / 22P
[Old version datasheet]   TPS560200 4.5-V to 17-V Input, 500-mA Synchronous Step-Down SWIFT??Converter With Advanced Eco-Mode?
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS54320 TI-TPS54320_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com