Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS564208DDCT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS564208DDCT
Descripción Electrónicos  4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS564208DDCT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS564208DDCT Datasheet HTML 7Page - Texas Instruments TPS564208DDCT Datasheet HTML 8Page - Texas Instruments TPS564208DDCT Datasheet HTML 9Page - Texas Instruments TPS564208DDCT Datasheet HTML 10Page - Texas Instruments TPS564208DDCT Datasheet HTML 11Page - Texas Instruments TPS564208DDCT Datasheet HTML 12Page - Texas Instruments TPS564208DDCT Datasheet HTML 13Page - Texas Instruments TPS564208DDCT Datasheet HTML 14Page - Texas Instruments TPS564208DDCT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1
L1
R2
10 k
R1 3.09 k
VIN = 4.5 V to 17 V
VOUT
2.2 H
C4
R3 10 k
C7 0.1 F
C8
22 F
VOUT
C9
22 F
VIN
Not Installed
EN
VIN
VBST
SW
GND
EN
VFB
1
2
3
4
5
6
1
1
C3
0.1 F
C2
10 F
C1
10 F
VOUT = 1.05 V / 4A
TPS564208
11
TPS564208
www.ti.com
SLVSDG0 – MARCH 2016
Product Folder Links: TPS564208
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The device is a typical step-down DC-DC converter for converting a higher dc voltage to a lower dc voltage with
a maximum available output current of 4 A. The following design procedure can be used to select component
values for the TPS564208. Alternately, the WEBENCH® software may be used to generate a complete design.
The WEBENCH software uses an iterative design procedure and accesses a comprehensive database of
components when generating a design. This section presents a simplified discussion of the design process.
8.2 Typical Application
The application schematic in Figure 14 shows the TPS564208 4.5-V to 17-V input, 1.05-V output converter
design meeting the requirements for 4-A output. This circuit is available as the evaluation module (EVM). The
sections provide the design procedure.
Figure 14. TPS564208 1.05-V, 4-A Reference Design


Número de pieza similar - TPS564208DDCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS564201 TI1-TPS564201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS564201DDCR TI1-TPS564201DDCR Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS564201DDCT TI1-TPS564201DDCT Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
More results

Descripción similar - TPS564208DDCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS565201 TI1-TPS565201 Datasheet
3Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator
TPS564201 TI1-TPS564201 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS563231 TI1-TPS563231_19 Datasheet
551Kb / 21P
[Old version datasheet]   4.5-V to 17-V input, 3-A synchronous step-down voltage regulator in SOT563
TPS563231 TI1-TPS563231 Datasheet
559Kb / 21P
[Old version datasheet]   4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT563
TPS563231_1902 TI1-TPS563231_1902 Datasheet
729Kb / 25P
[Old version datasheet]   4.5-V to 17-V input, 3-A synchronous step-down voltage regulator in SOT563
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
TPS565208 TI1-TPS565208 Datasheet
2Mb / 26P
[Old version datasheet]   4.5-V to 17-V Input, 5-A Synchronous Step-Down Voltage Regulator in SOT-23
TPS568230 TI1-TPS568230 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 18-V input, 8-A synchronous step-down voltage regulator
TPS563201 TI-TPS563201 Datasheet
987Kb / 27P
[Old version datasheet]   TPS56320x 4.5-V to 17-V Input, 3-A Synchronous Step-Down Voltage Regulator in SOT-23
DECEMBER 2015
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com