Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22930AYZVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS22930AYZVR
Descripción Electrónicos  Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22930AYZVR Datasheet(HTML) 1 Page - Texas Instruments

  TPS22930AYZVR Datasheet HTML 1Page - Texas Instruments TPS22930AYZVR Datasheet HTML 2Page - Texas Instruments TPS22930AYZVR Datasheet HTML 3Page - Texas Instruments TPS22930AYZVR Datasheet HTML 4Page - Texas Instruments TPS22930AYZVR Datasheet HTML 5Page - Texas Instruments TPS22930AYZVR Datasheet HTML 6Page - Texas Instruments TPS22930AYZVR Datasheet HTML 7Page - Texas Instruments TPS22930AYZVR Datasheet HTML 8Page - Texas Instruments TPS22930AYZVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Power
Supply
OFF
ON
TPS22930
VIN
VOUT
RL
CL
GND
ON
GND
CIN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS22930
SLVSBL3B – NOVEMBER 2012 – REVISED FEBRUARY 2016
TPS22930 Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
1
1 Features
1
Integrated Single Channel Load Switch
Ultra Small Four Terminal Wafer-Chip-Scale
Package (Nominal Dimensions Shown, See
Addendum for Details
0.9 mm × 0.9 mm, 0.5 mm Pitch, 0.5 mm
Height (YZV)
Input Voltage Range: 1.4 V to 5.5 V
Ultra Low RON Resistance
RON = 35 mΩ at VIN = 5 V
RON = 36 mΩ at VIN = 3.6 V
RON = 49 mΩ at VIN = 1.8 V
2 A Maximum Continuous Switch Current
Low Quiescent Current (< 3 µA)
Low Control Input Threshold Enables Use of
1.2 V/1.8 V/2.5 V/3.3 V Logic
Controlled Slew Rate
Under Voltage Lockout
Reverse Current Protection When Disabled
2 Applications
Smartphone / Wireless Handsets
Portable Industrial / Medical Equipment
Portable Media Players
Point of Sales Terminals
GPS Navigation Devices
Digital Cameras
Portable Instrumentation
3 Description
The TPS22930 is a small, low RON load switch with
controlled turn on. The device contains a P-channel
MOSFET that can operate over an input voltage
range of 1.4 V to 5.5 V. The switch is controlled by an
on/off input (ON), which is capable of interfacing
directly
with
low-voltage
control
signals.
The
TPS22930 is active high enable.
The
TPS22930
device
provides
circuit
breaker
functionality by disabling the body diode during
reverse voltage (also known as reverse current)
situations. Reverse current protection is active only
when the power-switch is disabled (off). The device
disengages the body diode when the output voltage
(VOUT) is driven higher than the input (VIN) to stop the
flow of current towards the input side of the switch.
Additionally, under-voltage lockout (UVLO) protection
turns the switch off if the input voltage is too low.
The slew rate of the device is internally controlled in
order to avoid inrush current.
The TPS22930 is available in an ultra-small, space-
saving 4-pin CSP package and is characterized for
operation over the free-air temperature range of
–40°C to 85°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (MAX)
TPS22930
DSBGA (4)
0.92 mm × 0.92 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Simplified Schematic


Número de pieza similar - TPS22930AYZVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22930AYZVR TI-TPS22930AYZVR Datasheet
895Kb / 19P
[Old version datasheet]   ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
More results

Descripción similar - TPS22930AYZVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22929D TI1-TPS22929D Datasheet
746Kb / 21P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22912 TI1-TPS22912 Datasheet
744Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
   ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
APE8998B A-POWER-APE8998B_16 Datasheet
575Kb / 8P
   ULTRA LOW ON RESISTANCE 4A LOAD SWITCH WITH CONTROLLED TURN ON
APE8991A A-POWER-APE8991A Datasheet
1Mb / 11P
   ULTRA- LOW ON RESISTANCE, 4A LOAD SWITCH WITH CONTROLLED TURN-ON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com