Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22925CYPHT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS22925CYPHT
Descripción Electrónicos  3.6-V, 3-A, 9Ohm On-Resistance Load Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22925CYPHT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS22925CYPHT Datasheet HTML 2Page - Texas Instruments TPS22925CYPHT Datasheet HTML 3Page - Texas Instruments TPS22925CYPHT Datasheet HTML 4Page - Texas Instruments TPS22925CYPHT Datasheet HTML 5Page - Texas Instruments TPS22925CYPHT Datasheet HTML 6Page - Texas Instruments TPS22925CYPHT Datasheet HTML 7Page - Texas Instruments TPS22925CYPHT Datasheet HTML 8Page - Texas Instruments TPS22925CYPHT Datasheet HTML 9Page - Texas Instruments TPS22925CYPHT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
TPS22925
SLVS840C – NOVEMBER 2015 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS22925
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free–air temperature range (unless otherwise noted). Typical values are for TA = 25°C.
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
(1)
Applies to TPS22925B and TPS22925C only.
VHYS
ON pin hysteresis
VIN = 3.6 V
25°C
86
mV
VIN = 2.5 V
83
VIN = 1.8 V
82
VIN = 1.2 V
80
VIN = 1.0 V
79
VIN = 0.65 V
79
RPD
(1)
Output pull-down
resistance
VIN = VOUT = 3.6 V,
VON = 0 V
–40°C to 85°C
150
205
Ω
–40°C to 105°C
215
(1)
Turn-off time and fall time are dependent on the time constant at the load. For TPS22925BN and TPS22925CN, there is no QOD. The
time constant is RL× CL. For TPS22925B and TPS22925C, internal pull-down resistor RPD is enabled when the switch is disabled. The
time constant is (RPD || RL) × CL.
7.6 Switching Characteristics
(1)
over operating free-air temperature range (unless otherwise noted) VON = 3.6 V, RL = 10 Ω, CIN = 1 µF, CL = 0.1 µF,TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
(TPS22925Bx)
TYP
(TPS22925Cx)
UNIT
tON
Turn-on time
VIN = 3.6 V
110
900
µs
VIN = 1.8 V
94
730
VIN = 0.65 V
86
620
tOFF
Turn-off time
VIN = 3.6 V
3
3
µs
VIN = 1.8 V
2.7
2.7
VIN = 0.65 V
10.9
10.9
tR
Output voltage rise time
VIN = 3.6 V
97
810
µs
VIN = 1.8 V
61
520
VIN = 0.65 V
36
300
tF
Output voltage fall time
VIN = 3.6 V
2.2
2.2
µs
VIN = 1.8 V
2.1
2.1
VIN = 0.65 V
3.6
3.6
tD
Delay time
VIN = 3.6 V
64
500
µs
VIN = 1.8 V
66
490
VIN = 0.65 V
68
470


Número de pieza similar - TPS22925CYPHT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22920 TI1-TPS22920 Datasheet
353Kb / 16P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920 TI1-TPS22920 Datasheet
878Kb / 21P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920L TI1-TPS22920L Datasheet
899Kb / 19P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920LYZPR TI1-TPS22920LYZPR Datasheet
899Kb / 19P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920LYZPR TI1-TPS22920LYZPR Datasheet
1Mb / 26P
[Old version datasheet]   On-Resistance, Integrated Load Switch
More results

Descripción similar - TPS22925CYPHT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22970 TI1-TPS22970 Datasheet
856Kb / 22P
[Old version datasheet]   3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
TPS22968-Q1 TI1-TPS22968-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   5.5-V, 4-A, 27Ohm On-Resistance Load Switch
TPS22971 TI1-TPS22971 Datasheet
427Kb / 20P
[Old version datasheet]   3.6-V, 3-A, 7.5-m(ohm) On-Resistance Load Switch With Adjustable Fast Turnon and Power Good
TPS22924B TI1-TPS22924B_15 Datasheet
2Mb / 28P
[Old version datasheet]   On-Resistance Load Switch
TPS22924D TI1-TPS22924D_15 Datasheet
1Mb / 24P
[Old version datasheet]   On-Resistance Load Switch
TPS22965-Q1 TI1-TPS22965-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   On-Resistance Load Switch
TPS22914B TI1-TPS22914B Datasheet
1Mb / 26P
[Old version datasheet]   5.5-V, 2-A, 37m(ohm) On-Resistance Load Switch
TPS22995H-Q1 TI-TPS22995H-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   TPS22995H-Q1 5.5-V, 3-A, 16-mΩ On-Resistance Automotive Load Switch
JUNE 2022
TPS22995H-Q1 TI-TPS22995H-Q1_V01 Datasheet
898Kb / 24P
[Old version datasheet]   TPS22995H-Q1 5.5-V, 3-A, 19-mΩ On-Resistance Automotive Load Switch
REVISED DECEMBER 2022
TPS22920 TI1-TPS22920_16 Datasheet
1Mb / 26P
[Old version datasheet]   On-Resistance, Integrated Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com