Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMZ34202RVQT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMZ34202RVQT
Descripción Electrónicos  SIMPLE SWITCHER 4.5-V to 42-V Input, 2-A Power Module
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ34202RVQT Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMZ34202RVQT Datasheet HTML 4Page - Texas Instruments LMZ34202RVQT Datasheet HTML 5Page - Texas Instruments LMZ34202RVQT Datasheet HTML 6Page - Texas Instruments LMZ34202RVQT Datasheet HTML 7Page - Texas Instruments LMZ34202RVQT Datasheet HTML 8Page - Texas Instruments LMZ34202RVQT Datasheet HTML 9Page - Texas Instruments LMZ34202RVQT Datasheet HTML 10Page - Texas Instruments LMZ34202RVQT Datasheet HTML 11Page - Texas Instruments LMZ34202RVQT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Output Current (A)
0.0
0.5
1.0
1.5
2.0
0
5
10
15
20
25
30
D003
VOUT = 3.3 V, fSW = 200 kHz
VOUT = 2.5 V, fSW = 200 kHz
Output Current (A)
0.0
0.5
1.0
1.5
2.0
0
5
10
15
20
25
30
D006
VOUT = 7.5 V, fSW = 400 kHz
VOUT = 5.0 V, fSW = 200 kHz
VOUT = 3.3 V, fSW = 200 kHz
VOUT = 2.5 V, fSW = 200 kHz
Output Current (A)
0.0
0.5
1.0
1.5
2.0
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
D002
VOUT = 3.3 V, fSW = 200 kHz
VOUT = 2.5 V, fSW = 200 kHz
Output Current (A)
0.0
0.5
1.0
1.5
2.0
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
D005
VOUT = 7.5 V, fSW = 400 kHz
VOUT = 5.0 V, fSW = 200 kHz
VOUT = 3.3 V, fSW = 200 kHz
VOUT = 2.5 V, fSW = 200 kHz
Output Current (A)
0.0
0.5
1.0
1.5
2.0
30
40
50
60
70
80
90
100
D001
VOUT = 3.3 V, fSW = 200 kHz
VOUT = 2.5 V, fSW = 200 kHz
Output Current (A)
0.0
0.5
1.0
1.5
2.0
30
40
50
60
70
80
90
100
D004
VOUT = 7.5 V, fSW = 400 kHz
VOUT = 5.0 V, fSW = 200 kHz
VOUT = 3.3 V, fSW = 200 kHz
VOUT = 2.5 V, fSW = 200 kHz
8
LMZ34202
SNVSAJ2 – MARCH 2016
www.ti.com
Product Folder Links: LMZ34202
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.7 Typical Characteristics
TA = 25°C, unless otherwise noted.
PVIN = 5 V
Figure 1. Efficiency vs Output Current
PVIN = 12 V
Figure 2. Efficiency vs Output Current
PVIN = 5 V
Figure 3. Power Dissipation vs Output Current
PVIN = 12 V
Figure 4. Power Dissipation vs Output Current
PVIN = 5 V
Figure 5. Voltage Ripple vs Output Current
PVIN = 12 V
Figure 6. Voltage Ripple vs Output Current


Número de pieza similar - LMZ34202RVQT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMZ34002 TI1-LMZ34002 Datasheet
857Kb / 31P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER짰 Power Module with 4.5V-40V Input in QFN Package
LMZ34002 TI1-LMZ34002 Datasheet
807Kb / 30P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER Power Module with 4.5V-40V Input
LMZ34002 TI1-LMZ34002 Datasheet
348Kb / 14P
[Old version datasheet]   Using the LMZ34002: Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
LMZ34002EVM-001 TI-LMZ34002EVM-001 Datasheet
347Kb / 13P
[Old version datasheet]   Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
LMZ34002RKGR TI1-LMZ34002RKGR Datasheet
857Kb / 31P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER짰 Power Module with 4.5V-40V Input in QFN Package
More results

Descripción similar - LMZ34202RVQT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMZ36002 TI-LMZ36002_15 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
LMZ36002 TI-LMZ36002_15 Datasheet
671Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 4.5-V to 60-V Input, 2-A Power Module in QFN Package
LMZ36002 TI1-LMZ36002_16 Datasheet
861Kb / 36P
[Old version datasheet]   SIMPLE SWITCHER 4.5V to 60V Input, 2-A Power Module
TPSM846C24 TI1-TPSM846C24 Datasheet
977Kb / 36P
[Old version datasheet]   4.5-V to 15-V Input, 0.5-V to 2-V Output, 35-A Power Module
LM22680 TI-LM22680_15 Datasheet
1Mb / 27P
[Old version datasheet]   42 V, 2 A SIMPLE SWITCHER Step-Down Voltage Regulator With Features
TPS54541 TI1-TPS54541_16 Datasheet
2Mb / 52P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84624 TI1-TPSM84624 Datasheet
999Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 6-A Power Module
TPSM84424 TI1-TPSM84424 Datasheet
1,000Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 4-A Power Module
TPSM84824 TI1-TPSM84824 Datasheet
811Kb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 8-A Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com