Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS53355 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TPS53355
Descripción Electrónicos  Synchronous Buck SWIFT Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53355 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS53355_16 Datasheet HTML 2Page - Texas Instruments TPS53355_16 Datasheet HTML 3Page - Texas Instruments TPS53355_16 Datasheet HTML 4Page - Texas Instruments TPS53355_16 Datasheet HTML 5Page - Texas Instruments TPS53355_16 Datasheet HTML 6Page - Texas Instruments TPS53355_16 Datasheet HTML 7Page - Texas Instruments TPS53355_16 Datasheet HTML 8Page - Texas Instruments TPS53355_16 Datasheet HTML 9Page - Texas Instruments TPS53355_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6
TPS53355
SLUSAE5C – AUGUST 2011 – REVISED FEBRUARY 2016 2015
www.ti.com
Product Folder Links: TPS53355
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over recommended free-air temperature range, VVDD= 12 V (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
(2)
Not production tested. Test condition is VIN= 12 V, VOUT= 1.1 V, IOUT = 10 A using application circuit shown in Figure 47.
POWERGOOD
VTHPG
PG threshold
PG in from lower
92.5%
95.0%
98.5%
PG in from higher
107.5%
110.0%
112.5%
PG hysteresis
2.5%
5.0%
7.5%
RPG
PG transistor on-resistance
15
30
55
Ω
tPGDEL
PG delay
Delay for PG in
0.8
1
1.2
ms
LOGIC THRESHOLD AND SETTING CONDITIONS
VEN
EN Voltage
Enable
1.8
V
Disable
0.6
IEN
EN Input current
VEN = 5 V
1.0
µA
fSW
Switching frequency
RRF = 0 Ω to GND, TA = 25°C
(2)
200
250
300
kHz
RRF = 187 kΩ to GND, TA = 25°C
(2)
250
300
350
RRF = 619 kΩ, to GND, TA = 25°C
(2)
350
400
450
RRF = Open, TA= 25°C
(2)
450
500
550
RRF = 866 kΩ to VREG, TA = 25°C
(2)
580
650
720
RRF = 309 kΩ to VREG, TA = 25°C
(2)
670
750
820
RRF = 124 kΩ to VREG, TA = 25°C
(2)
770
850
930
RRF = 0 Ω to VREG, TA = 25°C
(2)
880
970
1070
PROTECTION: CURRENT SENSE
ITRIP
TRIP source current
VTRIP = 1 V, TA = 25°C
9.4
10.0
10.6
µA
TCITRIP
TRIP current temperature coeffficient
On the basis of 25°C(1)
4700
ppm/°C
VTRIP
Current limit threshold setting range
VTRIP-GND
0.4
2.4
V
VOCL
Current limit threshold
VTRIP = 2.4 V
68.5
75.0
81.5
mV
VTRIP = 0.4 V
7.5
12.5
17.5
VOCLN
Negative current limit threshold
VTRIP = 2.4 V
-315
-300
-285
mV
VTRIP = 0.4 V
-58
-50
-42
VAZCADJ
Auto zero cross adjustable range
Positive
3
15
mV
Negative
–15
–3
PROTECTION: UVP and OVP
VOVP
OVP trip threshold
OVP detect
115%
120%
125%
tOVPDEL
OVP proprogation delay
VFB delay with 50-mV overdrive
1
µs
VUVP
Output UVP trip threshold
UVP detect
65%
70%
75%
tUVPDEL
Output UVP proprogation delay
0.8
1.0
1.2
ms
tUVPEN
Output UVP enable delay
From enable to UVP workable
1.8
2.6
3.2
ms
UVLO
VUVVREG
VREG UVLO threshold
Wake up
4.00
4.20
4.33
V
Hysteresis
0.25
THERMAL SHUTDOWN
TSDN
Thermal shutdown threshold
Shutdown temperature(1)
145
°C
Hysteresis(1)
10


Número de pieza similar - TPS53355_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS53355 TI-TPS53355_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS53355 High-Efficiency 30-A Synchronous Buck Converter With Eco-mode?
TPS53355 TI1-TPS53355_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck SWIFT Converter With Eco-mode
More results

Descripción similar - TPS53355_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS53353 TI1-TPS53353_16 Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck SWIFT Converter
TPS56221 TI1-TPS56221_16 Datasheet
1Mb / 32P
[Old version datasheet]   Synchronous Buck SWIFT Converter
TPS56121 TI1-TPS56121_16 Datasheet
1Mb / 31P
[Old version datasheet]   Input High-Current Synchronous Buck SWIFT Converter
TPS53353 TI1-TPS53353_17 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53355 TI1-TPS53355_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck SWIFT Converter With Eco-mode
logo
Major-Power Technology ...
MA5604 MPOWER-MA5604 Datasheet
429Kb / 7P
   Synchronous Buck Converter
logo
Rohm
BD9B300MUV-EVK-101 ROHM-BD9B300MUV-EVK-101 Datasheet
1Mb / 11P
   Synchronous Buck Converter
logo
QX Micro Devices Co.,Lt...
QX3406 QXMD-QX3406 Datasheet
1Mb / 2P
   Synchronous Buck Converter
logo
Texas Instruments
TPS56121 TI1-TPS56121_17 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck SWIFT Converter
logo
Rohm
BD9109FVMEVK-101 ROHM-BD9109FVMEVK-101 Datasheet
787Kb / 8P
   Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com