Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54336ADRCR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54336ADRCR
Descripción Electrónicos  Synchronous Step-Down DC-DC Converter
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54336ADRCR Datasheet(HTML) 3 Page - Texas Instruments

  TPS54336ADRCR Datasheet HTML 1Page - Texas Instruments TPS54336ADRCR Datasheet HTML 2Page - Texas Instruments TPS54336ADRCR Datasheet HTML 3Page - Texas Instruments TPS54336ADRCR Datasheet HTML 4Page - Texas Instruments TPS54336ADRCR Datasheet HTML 5Page - Texas Instruments TPS54336ADRCR Datasheet HTML 6Page - Texas Instruments TPS54336ADRCR Datasheet HTML 7Page - Texas Instruments TPS54336ADRCR Datasheet HTML 8Page - Texas Instruments TPS54336ADRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
VIN
PH
GND
GND
GND
SS
BOOT
EN
COMP
VSENSE
Exposed
Thermal
Pad
1
2
3
4
5
10
9
8
7
6
VIN
PH
GND
GND
GND
RT
BOOT
EN
COMP
VSENSE
Exposed
Thermal
Pad
1
2
3
4
5
10
9
8
7
6
BOOT
SS
EN
COMP
VSENSE
VIN
PH
GND
1
8
7
6
5
2
3
4
PowerPAD
BOOT
RT
EN
COMP
VSENSE
VIN
PH
GND
1
8
7
6
5
2
3
4
PowerPAD
3
TPS54335A, TPS54335-1A, TPS54336A
www.ti.com
SLVSCD5D – NOVEMBER 2014 – REVISED FEBRUARY 2016
Product Folder Links: TPS54335A TPS54335-1A TPS54336A
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DDA Package
8-Pin SO PowerPAD
TPS54335A Top View
DDA Package
8-Pin SO PowerPAD
TPS54336A Top View
DRC Package
10-Pin VSON With Exposed Thermal Pad
TPS54335A and TPS54335-1A Top View
DRC Package
10-Pin VSON With Exposed Thermal Pad
TPS54336A Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SO
PowerPAD
VSON
BOOT
1
9
O
A bootstrap capacitor is required between the BOOT and PH pins. If the voltage
on this capacitor is below the minimum required by the output device, the output is
forced to switch off until the capacitor is refreshed.
COMP
6
7
O
This pin is the error-amplifier output and the input to the output switch-current
comparator. Connect frequency compensation components to this pin.
EN
7
8
I
This pin is the enable pin. Float the EN pin to enable.
GND
4
3
Ground
4
5
PH
3
2
O
The PH pin is the source of the internal high-side power MOSFET.
RT (TPS54335A
and TPS54335-1A)
8
10
O
Connect the RT pin to an external timing resistor to adjust the switching frequency
of the device.
SS (TPS54336A)
The SS pin is the soft-start and tracking pin. An external capacitor connected to
this pin sets the internal voltage-reference rise time. The voltage on this pin
overrides the internal reference.
VIN
2
1
This pin is the 4.5- to 28-V input supply voltage.
VSENSE
5
6
I
This pin is the inverting node of the transconductance (gm) error amplifier.
PowerPAD (SO only)
For proper operation, connect the GND pin to the exposed thermal pad. This
thermal pad should be connected to any internal PCB ground plane using multiple
vias for good thermal performance.
Thermal pad (VSON only)


Número de pieza similar - TPS54336ADRCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54336ADRCR TI1-TPS54336ADRCR Datasheet
1Mb / 53P
[Old version datasheet]   TPS5433xA 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
More results

Descripción similar - TPS54336ADRCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
   Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
[Old version datasheet]   Synchronous Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX17544 MAXIM-MAX17544 Datasheet
885Kb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17552 MAXIM-MAX17552 Datasheet
1Mb / 20P
   Synchronous Step-Down DC-DC Converter
Rev 1; 6/14
MAX17550 MAXIM-MAX17550 Datasheet
1Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
ELM Technology Corporat...
ELM605DA ELM-TECH-ELM605DA_17 Datasheet
827Kb / 13P
   synchronous step-down DC/DC converter
logo
Diodes Incorporated
AP3417C DIODES-AP3417C Datasheet
600Kb / 12P
   SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
ELM Technology Corporat...
ELM605DA ELM-TECH-ELM605DA Datasheet
827Kb / 13P
   synchronous step-down DC/DC converter
ELM613DA ELM-TECH-ELM613DA Datasheet
1Mb / 11P
   synchronous step-down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com