Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3880QMF-1AA Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza LM3880QMF-1AA
Descripción Electrónicos  Simple Power Sequencer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM3880QMF-1AA Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3880QMF-1AA Datasheet HTML 6Page - Texas Instruments LM3880QMF-1AA Datasheet HTML 7Page - Texas Instruments LM3880QMF-1AA Datasheet HTML 8Page - Texas Instruments LM3880QMF-1AA Datasheet HTML 9Page - Texas Instruments LM3880QMF-1AA Datasheet HTML 10Page - Texas Instruments LM3880QMF-1AA Datasheet HTML 11Page - Texas Instruments LM3880QMF-1AA Datasheet HTML 12Page - Texas Instruments LM3880QMF-1AA Datasheet HTML 13Page - Texas Instruments LM3880QMF-1AA Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
GND
VCC
FLAG1
FLAG2
FLAG3
Sequence
Control
EN
Timing
Delay
Generation
Master
Clock
EPROM
(Factory Set)
+
-
1.25V
td1
td2
td3
td4
td5
td6
7 PA
10
LM3880, LM3880-Q1
SNVS451K – AUGUST 2006 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM3880 LM3880-Q1
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM3880 Simple Power Supply Sequencer provides a simple solution for sequencing multiple rails in a
controlled manner. Six independent timers are integrated to control the timing sequence (power up and power
down) of three open-drain output flags. These flags permit connection to either a shutdown or enable pin of linear
regulators and switchers to control the operation of the power supplies. This allows design of a complete power
system without concern for large inrush currents or latch-up conditions that can occur.
The timing sequence of the LM3880 is controlled entirely by the enable (EN) pin. Upon power up, all the flags
are held low until this precision enable is pulled high. When the EN pin is asserted, the power-up sequence
starts. An internal counter delays the first flag (FLAG1) from rising until a fixed time period has expired. When the
first flag is released, another timer will begin to delay the release of the second flag (FLAG2). This process
repeats until all three flags have sequentially been released.
The power-down sequence is the same as power-up sequence, but in reverse. When the EN pin is deasserted a
timer will begin that delays the third flag (FLAG3) from pulling low. The second and first flag will then follow in a
sequential manner after their appropriate delays. The three timers that are used to control the power-down
scheme can also be individually programmed and are completely independent of the power-up timers.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Enable Pin Operation
The timing sequence of the LM3880 is controlled by the assertion of the enable signal. The enable pin is
designed with an internal comparator, referenced to a bandgap voltage (1.25 V), to provide a precision threshold.
This allows a delayed timing to be externally set using a capacitor or to start the sequencing based on a certain
event, such as a line voltage reaching 90% of nominal. For an additional delayed sequence from the rail
powering VCC, simply attach a capacitor to the EN pin as shown in Figure 12.


Número de pieza similar - LM3880QMF-1AA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3880QMF-1AA NSC-LM3880QMF-1AA Datasheet
283Kb / 12P
   Power Sequencer
More results

Descripción similar - LM3880QMF-1AA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3881 TI1-LM3881 Datasheet
1Mb / 27P
[Old version datasheet]   LM3881 Simple Power Sequencer With Adjustable Timing
LM3881 TI1-LM3881_14 Datasheet
790Kb / 17P
[Old version datasheet]   Power Sequencer
logo
National Semiconductor ...
LM3880 NSC-LM3880_08 Datasheet
283Kb / 12P
   Power Sequencer
LM3881 NSC-LM3881 Datasheet
243Kb / 14P
   Power Sequencer
LM3880 NSC-LM3880 Datasheet
611Kb / 20P
   Power Sequencer
logo
Texas Instruments
LM3880 TI1-LM3880_14 Datasheet
844Kb / 20P
[Old version datasheet]   Power Sequencer
logo
ABLIC Inc.
S-77100 ABLIC-S-77100 Datasheet
2Mb / 40P
   POWER SEQUENCER
Rev.1.0_02
logo
Seiko Instruments Inc
S-77100 SII-S-77100 Datasheet
4Mb / 40P
   POWER SEQUENCER
logo
Dialog Semiconductor
SLG7NT4618 DIALOG-SLG7NT4618 Datasheet
1Mb / 10P
   APL Power Sequencer
logo
Altera Corporation
ES1030QI ALTERA-ES1030QI Datasheet
769Kb / 14P
   Power Rail Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com