Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD17577Q3AT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CSD17577Q3AT
Descripción Electrónicos  N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17577Q3AT Datasheet(HTML) 3 Page - Texas Instruments

  CSD17577Q3AT Datasheet HTML 1Page - Texas Instruments CSD17577Q3AT Datasheet HTML 2Page - Texas Instruments CSD17577Q3AT Datasheet HTML 3Page - Texas Instruments CSD17577Q3AT Datasheet HTML 4Page - Texas Instruments CSD17577Q3AT Datasheet HTML 5Page - Texas Instruments CSD17577Q3AT Datasheet HTML 6Page - Texas Instruments CSD17577Q3AT Datasheet HTML 7Page - Texas Instruments CSD17577Q3AT Datasheet HTML 8Page - Texas Instruments CSD17577Q3AT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CSD17577Q3A
www.ti.com
SLPS515A – AUGUST 2014 – REVISED JANUARY 2016
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-source voltage
VGS = 0 V, ID = 250 μA
30
V
IDSS
Drain-to-source leakage current
VGS = 0 V, VDS = 24 V
1
μA
IGSS
Gate-to-source leakage current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, ID = 250 μA
1.1
1.4
1.8
V
VGS = 4.5 V, ID = 10 A
5.3
6.4
m
RDS(on)
Drain-to-source on-resistance
VGS = 10 V, ID = 16 A
4.0
4.8
m
gfs
Transconductance
VDS = 15 V, ID = 16 A
76
S
DYNAMIC CHARACTERISTICS
Ciss
Input capacitance
1780
2310
pF
Coss
Output capacitance
VGS = 0 V, VDS = 15 V, ƒ = 1 MHz
208
270
pF
Crss
Reverse transfer capacitance
79
103
pF
RG
Series gate resistance
1.4
2.8
Qg
Gate charge total (4.5 V)
13
17
nC
Qg
Gate charge total (10 V)
27
35
nC
Qgd
Gate charge gate-to-drain
VDS = 15 V, ID = 16 A
2.8
nC
Qgs
Gate charge gate-to-source
5.1
nC
Qg(th)
Gate charge at Vth
2.5
nC
Qoss
Output charge
VDS = 15 V, VGS = 0 V
6
nC
td(on)
Turn on delay time
4
ns
tr
Rise time
31
ns
VDS = 15 V, VGS = 10 V,
IDS = 16 A, RG = 0 Ω
td(off)
Turn off delay time
20
ns
tf
Fall time
4
ns
DIODE CHARACTERISTICS
VSD
Diode forward voltage
ISD = 16 A, VGS = 0 V
0.8
1
V
Qrr
Reverse recovery charge
8.2
nC
VDS= 15 V, IF = 16 A,
di/dt = 300 A/
μs
trr
Reverse recovery time
8.6
ns
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-case thermal resistance(1)
3.0
°C/W
RθJA
Junction-to-ambient thermal resistance(1)(2)
55
°C/W
(1)
RθJC is determined with the device mounted on a 1 inch
2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu pad on a 1.5 inches × 1.5 inches
(3.81 cm × 3.81 cm), 0.06 inch (1.52 mm) thick FR4 PCB. RθJC is specified by design, whereas RθJA is determined by the user’s board
design.
(2)
Device mounted on FR4 material with 1 inch2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu.
Copyright © 2014–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD17577Q3A


Número de pieza similar - CSD17577Q3AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD17577Q3A TI-CSD17577Q3A_15 Datasheet
862Kb / 15P
[Old version datasheet]   CSD17577Q3A 30-V N-Channel NexFET Power MOSFET
More results

Descripción similar - CSD17577Q3AT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1_15 Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16408Q5 TI-CSD16408Q5 Datasheet
204Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16327Q3 TI1-CSD16327Q3 Datasheet
991Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16322Q5 TI-CSD16322Q5 Datasheet
287Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16404Q5A TI-CSD16404Q5A Datasheet
511Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16401Q5 TI1-CSD16401Q5 Datasheet
332Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16414Q5 TI1-CSD16414Q5 Datasheet
348Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16415Q5 TI1-CSD16415Q5 Datasheet
568Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com