Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD83325LT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CSD83325LT
Descripción Electrónicos  12 V Dual N-Channel NexFET Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CSD83325LT Datasheet(HTML) 4 Page - Texas Instruments

  CSD83325LT Datasheet HTML 1Page - Texas Instruments CSD83325LT Datasheet HTML 2Page - Texas Instruments CSD83325LT Datasheet HTML 3Page - Texas Instruments CSD83325LT Datasheet HTML 4Page - Texas Instruments CSD83325LT Datasheet HTML 5Page - Texas Instruments CSD83325LT Datasheet HTML 6Page - Texas Instruments CSD83325LT Datasheet HTML 7Page - Texas Instruments CSD83325LT Datasheet HTML 8Page - Texas Instruments CSD83325LT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
VS1S2 - Source-to-Source Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
5
10
15
20
25
30
35
40
45
50
D002
VGS = 2.5 V
VGS = 3.8 V
VGS = 4.5 V
VGS - Gate-to-Source Voltage (V)
0
0.5
1
1.5
2
2.5
0
5
10
15
20
25
30
35
40
45
50
D003
TC = 125°C
TC = 25°C
TC = -55°C
CSD83325L
SLPS494A – NOVEMBER 2014 – REVISED JANUARY 2016
www.ti.com
5.3 Typical MOSFET Characteristics
(TA = 25°C unless otherwise stated)
Figure 1. Transient Thermal Impedance
VS1S2 = 5 V
Figure 2. Saturation Characteristics
Figure 3. Transfer Characteristics
4
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Product Folder Links: CSD83325L


Número de pieza similar - CSD83325LT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD83325L TI1-CSD83325L Datasheet
639Kb / 11P
[Old version datasheet]   12 V Dual N-Channel NexFET??Power MOSFET
More results

Descripción similar - CSD83325LT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD83325L TI1-CSD83325L Datasheet
639Kb / 11P
[Old version datasheet]   12 V Dual N-Channel NexFET??Power MOSFET
CSD13302W TI-CSD13302W_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD13302W 12 V N Channel NexFET??Power MOSFET
CSD13302W TI1-CSD13302W_16 Datasheet
492Kb / 12P
[Old version datasheet]   CSD13302W 12 V N Channel NexFET??Power MOSFET
CSD13306W TI-CSD13306W Datasheet
616Kb / 12P
[Old version datasheet]   CSD13306W 12 V N Channel NexFET??Power MOSFET
CSD85302L TI1-CSD85302L Datasheet
418Kb / 13P
[Old version datasheet]   20 V Dual N-Channel NexFET Power MOSFET
CSD23202W10 TI1-CSD23202W10 Datasheet
440Kb / 12P
[Old version datasheet]   12-V P-Channel NexFET Power MOSFET
CSD86311W1723 TI-CSD86311W1723 Datasheet
415Kb / 10P
[Old version datasheet]   Dual N-Channel NexFET??Power MOSFET
CSD23202W10 TI-CSD23202W10_15 Datasheet
1,023Kb / 15P
[Old version datasheet]   CSD23202W10 12-V P-Channel NexFET Power MOSFET
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFET
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com