Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2854MH-500 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza LM2854MH-500
Descripción Electrónicos  Synchronous SIMPLE SWITCHER Buck Regulator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2854MH-500 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2854MH-500 Datasheet HTML 7Page - Texas Instruments LM2854MH-500 Datasheet HTML 8Page - Texas Instruments LM2854MH-500 Datasheet HTML 9Page - Texas Instruments LM2854MH-500 Datasheet HTML 10Page - Texas Instruments LM2854MH-500 Datasheet HTML 11Page - Texas Instruments LM2854MH-500 Datasheet HTML 12Page - Texas Instruments LM2854MH-500 Datasheet HTML 13Page - Texas Instruments LM2854MH-500 Datasheet HTML 14Page - Texas Instruments LM2854MH-500 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
11
LM2854
www.ti.com
SNVS560D – MARCH 2008 – REVISED JANUARY 2016
Product Folder Links: LM2854
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.8 Negative Current Limit
The LM2854 implements negative current limit detection circuitry to prevent large negative current in the
inductor. When the negative current sensed in the low-side NFET is below approximately –0.4 A, the present
switching cycle is immediately terminated and both FETs are turned off. When both FETs are off, the negative
inductor current originally flowing in the low-side NFET and into the SW pin commutates to the high-side PFET’s
body diode and ramps back to zero. At this point, the SW pin becomes a high impedance node and ringing can
be observed on the SW node as the stored energy in the inductor is dissipated while resonating with the parasitic
nodal capacitance.
7.3.9 Overtemperature Protection
When the LM2854 senses a junction temperature greater than 165°C, both switching FETs are turned off and the
part enters a sleep state. Upon sensing a junction temperature below 155°C, the part will re-initiate the soft-start
sequence and begin switching once again. This feature is provided to prevent catastrophic failure due to
excessive thermal dissipation.
7.3.10 Loop Compensation
The LM2854 preserves flexibility by integrating the control components around the error amplifier while using
three small external compensation components from VOUT to FB. An integrated type II (two pole, one zero)
voltage-mode compensation network is featured. To ensure stability, an external resistor and small value
capacitor can be added across the upper feedback resistor as a pole-zero pair to complete a type III (three pole,
two zero) compensation network. For correct selection of these components, see Detailed Design Procedure.
7.4 Device Functional Modes
7.4.1 Shutdown Mode
If EN is less than VIH – VEN(HSY), the LM2854 shuts down. Most internal circuitry is shut down, and the SW output
is high-impedance. Once EN voltage exceeds VIH, the LM2854 enters soft-start mode.
7.4.2 Soft-Start and Track Mode
Once operation is initiated, the LM2854 starts charging its SS node. If a voltage is already present on the
LM2854 circuit output, the LM2854 does not attempt to pull the circuit output low. If only a capacitor is connected
to the SS pin, voltage on this pin rises, and once voltage exceeds 0.8 V, normal operating mode commences. If
the high-side current limit is exceeded, the voltage on the SS pin is reduced, prolonging soft-start and track
mode.
If a resistor divider is used to connect the SS pin to another power supply, Soft Start and Track mode can be
used to cause the output of the LM2854 Buck to track this supply.
7.4.3 Normal Operating Mode
If the EN input of the LM2854 is above VIH and the SS pin is above 0.8 V, output is regulated normally. If EN is
reduced to less than VIH – VEN(HSY), the LM2854 enters shutdown mode. If the high-side current limit is activated
or SS is pulled to below 0.8 V, the LM2854 enters soft-start and track mode.


Número de pieza similar - LM2854MH-500

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2854MH-500 NSC-LM2854MH-500 Datasheet
537Kb / 22P
   4A 500 kHz / 1 MHz PowerWise짰 Synchronous SIMPLE SWITCHER짰 Buck Regulator
More results

Descripción similar - LM2854MH-500

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2852 TI1-LM2852_16 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
LM2853 TI-LM2853_15 Datasheet
1Mb / 18P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
logo
National Semiconductor ...
LM2853 NSC-LM2853 Datasheet
738Kb / 12P
   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
LM2852 NSC-LM2852 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
logo
Texas Instruments
LM3103 TI1-LM3103 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
LM3102 TI1-LM3102_14 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
logo
Texas Instruments
LM2852 TI1-LM2852_14 Datasheet
1Mb / 25P
[Old version datasheet]   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2587 NSC-LM2587 Datasheet
676Kb / 26P
   SIMPLE SWITCHER 5A Flyback Regulator
LM2852 NSC-LM2852_06 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com