Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM20143MH Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza LM20143MH
Descripción Electrónicos  3-A PowerWise Adjustable Frequency Synchronous Buck Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM20143MH Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM20143MH Datasheet HTML 4Page - Texas Instruments LM20143MH Datasheet HTML 5Page - Texas Instruments LM20143MH Datasheet HTML 6Page - Texas Instruments LM20143MH Datasheet HTML 7Page - Texas Instruments LM20143MH Datasheet HTML 8Page - Texas Instruments LM20143MH Datasheet HTML 9Page - Texas Instruments LM20143MH Datasheet HTML 10Page - Texas Instruments LM20143MH Datasheet HTML 11Page - Texas Instruments LM20143MH Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LM20143, LM20143-Q1
SNVS528H – OCTOBER 2007 – REVISED JANUARY 2016
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified: CIN = COUT = 100 µF, L = 1.0 µH, VIN = 5 V, VOUT = 1.2 V, RLOAD = 1.2 Ω, fSW = 1 MHz, TA = 25°C
for efficiency curves, loop gain plots and waveforms, and TJ = 25°C for all others.
Figure 13. Switching Frequency vs Temperature
Figure 14. Switching Frequency vs RT
Figure 15. Quiescent Current vs VIN (Not Switching)
Figure 16. Shutdown Current vs Temperature
Figure 17. Enable Threshold vs Temperature
Figure 18. UVLO Threshold vs Temperature
8
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Product Folder Links: LM20143 LM20143-Q1


Número de pieza similar - LM20143MH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM20143MH NSC-LM20143MH Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20143MHE NSC-LM20143MHE Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
LM20143MHX NSC-LM20143MHX Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
More results

Descripción similar - LM20143MH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM20144 TI-LM20144_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20145 TI-LM20145_15 Datasheet
1Mb / 29P
[Old version datasheet]   5A PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20144QMHX TI1-LM20144QMHX Datasheet
1Mb / 30P
[Old version datasheet]   LM20144/LM20144Q 4A, PowerWise Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_15 Datasheet
1Mb / 29P
[Old version datasheet]   Adjustable Frequency Synchronous Buck Regulator
LM20146 TI1-LM20146_14 Datasheet
1Mb / 29P
[Old version datasheet]   6A, Adjustable Frequency Synchronous Buck Regulator
LM21305 TI1-LM21305_14 Datasheet
1Mb / 34P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
LM21305 TI-LM21305_15 Datasheet
1Mb / 33P
[Old version datasheet]   5A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20146 NSC-LM20146 Datasheet
522Kb / 22P
   6A, Adjustable Frequency Synchronous Buck Regulator
LM21305 NSC-LM21305_11 Datasheet
1Mb / 24P
   5A Adjustable Frequency Synchronous Buck Regulator
logo
Allegro MicroSystems
A8654 ALLEGRO-A8654 Datasheet
841Kb / 29P
   Wide Input Voltage, Adjustable Frequency, 3 A, 2 MHz Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com