Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM21215AMH-1 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza LM21215AMH-1
Descripción Electrónicos  15-A Ultra High-Efficiency Synchronous Buck Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM21215AMH-1 Datasheet(HTML) 1 Page - Texas Instruments

  LM21215AMH-1 Datasheet HTML 1Page - Texas Instruments LM21215AMH-1 Datasheet HTML 2Page - Texas Instruments LM21215AMH-1 Datasheet HTML 3Page - Texas Instruments LM21215AMH-1 Datasheet HTML 4Page - Texas Instruments LM21215AMH-1 Datasheet HTML 5Page - Texas Instruments LM21215AMH-1 Datasheet HTML 6Page - Texas Instruments LM21215AMH-1 Datasheet HTML 7Page - Texas Instruments LM21215AMH-1 Datasheet HTML 8Page - Texas Instruments LM21215AMH-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
FB
PGOOD
VIN
LM21215A-1
VOUT
AGND
COMP
PVIN
SYNC
SW
EN
LF
RC1
CC1
CC2
CC3
RFB1
RFB2
RC2
PGND
AVIN
CF
1
11Å16
3
4
19
18
20
8,9,10
5,6,7
RF
SS/TRK
CSS
2
CIN
COUT
17
PGOOD
optional
optional
0
3
6
9
12
15
90
92
94
96
98
100
OUTPUT CURRENT (A)
VIN = 3.3V
VIN = 4.0V
VIN = 5.0V
VIN = 5.5V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM21215A
SNOSB87C – MARCH 2011 – REVISED JANUARY 2016
LM21215A 15-A Ultra High-Efficiency Synchronous Buck Converter With Frequency
Synchronization
1 Features
3 Description
The LM21215A is a synchronous buck DC-DC
1
High-Efficiency Synchronous DC-DC Converter
converter that delivers up to 15 A of output current at
Input Voltage Range of 2.95 V to 5.5 V
output voltages as low as 0.6 V. Operating over an
Adjustable Output Voltage From 0.6 V to VIN
input voltage range of 2.95 V to 5.5 V with ultra-high
efficiency, the LM21215A suits a wide variety of low
Output Current as High as 15 A
voltage systems. The voltage-mode control loop with
Frequency Synchronization 300 kHz to 1.5 MHz
high gain-bandwidth error amplifier provides high
Integrated 7-m
Ω PMOS Buck Switch Supports
noise immunity, narrow duty cycle capability and is
100% Duty Cycle for Low Dropout Voltage
easily compensated for stable operation with any type
of output capacitor, providing maximum flexibility and
Integrated 4.3-m
Ω NMOS Synchronous Rectifier
ease of use.
Eliminates Schottky Diode
The
LM21215A
features
internal
overvoltage
Accurate ±1% Internal Voltage Reference
protection
(OVP)
and
cycle-by-cycle
overcurrent
Automatic Diode Emulation Mode for Improved
protection (OCP) for increased system reliability. A
Efficiency at Light Loads
precision enable pin and integrated UVLO allow turn-
Monotonic Pre-Biased Startup
on of the device to be tightly controlled and
Internal 0.5-ms or Externally Adjustable Soft-Start
sequenced. Startup inrush currents are limited by an
internally-fixed
or
externally-adjustable
soft-start
Output Voltage Tracking Capability
circuit. An integrated open-drain PGOOD indicator
Ultra-Fast Line and Load Transient Response
provides fault reporting and supply sequencing.
Voltage-Mode PWM Control
Other features include auxiliary voltage rail tracking,
Wide-Bandwidth Voltage Loop Error Amplifier
monotonic
startup
into
pre-biased
loads,
and
Precision Enable with Hysteresis
switching frequency synchronization to an external
clock signal between 300 kHz and 1.5 MHz for beat-
Integrated OVP, UVP, OCP and UVLO
frequency sensitive and multi-regulator applications.
Open-Drain Power Good Indicator
The LM21215A is offered in a thermally-enhanced
Thermal Shutdown Protection With Hysteresis
20-pin HTSSOP package with an exposed pad that is
soldered to the PCB to achieve a very low junction-to-
Thermally-Enhanced HTSSOP-20 Package
board thermal impedance.
2 Applications
Device Information(1)
Telecommunications Infrastructure
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DSP and FPGA Core Voltage Supplies
LM21215A
HTSSOP (20)
6.50 mm × 4.40 mm
High Efficiency POL Conversion
(1) For all available packages, see the orderable addendum at
Embedded Computing, Servers and Storage
the end of the data sheet.
Typical Application Circuit
Efficiency at 2.5 V, 500 kHz
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - LM21215AMH-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM21215AMH-1 TI1-LM21215AMH-1 Datasheet
493Kb / 26P
[Old version datasheet]   LM21215A-1 15A High Efficiency Synchronous Buck Regulator with Frequency Synchronization
More results

Descripción similar - LM21215AMH-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
   High Efficiency 2A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
logo
Global Mixed-mode Techn...
G5333 GMT-G5333 Datasheet
156Kb / 1P
   High Efficiency 8A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4012 RENESAS-ZSPM4012 Datasheet
694Kb / 21P
   High Efficiency 2A Synchronous Buck Converter
April 15, 2016
ZSPM4012B RENESAS-ZSPM4012B Datasheet
832Kb / 22P
   High Efficiency 2A Synchronous Buck Converter
January 27, 2016
logo
List of Unclassifed Man...
ZSPM4011 ETC2-ZSPM4011 Datasheet
1Mb / 22P
   High Efficiency 1A Synchronous Buck Converter
ZSPM4013 ETC2-ZSPM4013 Datasheet
1Mb / 22P
   High Efficiency 3A Synchronous Buck Converter
logo
uPI Group Inc.
UP1715 UPI-UP1715 Datasheet
221Kb / 13P
   High-Efficiency Synchronous-Rectified Buck Converter
UP1715R UPI-UP1715R Datasheet
189Kb / 12P
   High-Efficiency Synchronous-Rectified Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com