Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2852YMXA-2.5 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza LM2852YMXA-2.5
Descripción Electrónicos  Synchronous Simple Switcher Buck Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2852YMXA-2.5 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2852YMXA-2.5 Datasheet HTML 7Page - Texas Instruments LM2852YMXA-2.5 Datasheet HTML 8Page - Texas Instruments LM2852YMXA-2.5 Datasheet HTML 9Page - Texas Instruments LM2852YMXA-2.5 Datasheet HTML 10Page - Texas Instruments LM2852YMXA-2.5 Datasheet HTML 11Page - Texas Instruments LM2852YMXA-2.5 Datasheet HTML 12Page - Texas Instruments LM2852YMXA-2.5 Datasheet HTML 13Page - Texas Instruments LM2852YMXA-2.5 Datasheet HTML 14Page - Texas Instruments LM2852YMXA-2.5 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
CSS = 3.3 nF
CO = 100 PF
PVIN
AVIN
EN
SS
SGND
PGND
SNS
SW
LM2852Y
+
VOUT = 1.5V
ILOAD = 0A to 2A
LO = 10 PH
CIN = 47 PF
1 PF
PVIN = 3.3V
AVIN = 5V
LM2852
www.ti.com
SNVS325E – JANUARY 2005 – REVISED JANUARY 2016
7.3 Feature Description
7.3.1 Split-Rail Operation
The LM2852 can be powered using two separate voltages for AVIN and PVIN. AVIN is the supply for the control
logic; PVIN is the supply for the power FETs. The output filter components need to be chosen based on the
value of PVIN. For PVIN levels lower than 3.3 V, use output filter component values recommended for 3.3 V.
PVIN must always be equal to or less than AVIN.
Figure 11. Split-Rail Operation
7.3.2 Switch Node Protection
The LM2852 includes protection circuitry that monitors the voltage on the switch pin. Under certain conditions,
switching is disabled in order to protect the switching devices. One result of the protection circuitry may be
observed when power to the LM2852 is applied with no or light load on the output. The output regulates to the
rated voltage, but no switching may be observed. As soon as the output is loaded, the LM2852 begins normal
switching operation.
7.4 Device Functional Modes
The LM2852 Enable pin is internally pulled up so that the part is enabled anytime the input voltage exceeds the
UVLO threshold. A pulldown resistor can be used to set the enable input to low.
Copyright © 2005–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2852


Número de pieza similar - LM2852YMXA-2.5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2852YMXA-2.5 NSC-LM2852YMXA-2.5 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
LM2852YMXA-2.5 NSC-LM2852YMXA-2.5 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Texas Instruments
LM2852YMXA-2.5 TI-LM2852YMXA-2.5 Datasheet
981Kb / 23P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
More results

Descripción similar - LM2852YMXA-2.5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2854 TI1-LM2854_16 Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SIMPLE SWITCHER Buck Regulator
LM2853 TI-LM2853_15 Datasheet
1Mb / 18P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
logo
National Semiconductor ...
LM2853 NSC-LM2853 Datasheet
738Kb / 12P
   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
LM2852 NSC-LM2852 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
logo
Texas Instruments
LM3103 TI1-LM3103 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
LM3102 TI1-LM3102_14 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
logo
Texas Instruments
LM2852 TI1-LM2852_14 Datasheet
1Mb / 25P
[Old version datasheet]   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2587 NSC-LM2587 Datasheet
676Kb / 26P
   SIMPLE SWITCHER 5A Flyback Regulator
LM2852 NSC-LM2852_06 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com