Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM25037MTX Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza LM25037MTX
Descripción Electrónicos  Dual-Mode PWM Controller With Alternating Outputs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM25037MTX Datasheet(HTML) 5 Page - Texas Instruments

  LM25037MTX Datasheet HTML 1Page - Texas Instruments LM25037MTX Datasheet HTML 2Page - Texas Instruments LM25037MTX Datasheet HTML 3Page - Texas Instruments LM25037MTX Datasheet HTML 4Page - Texas Instruments LM25037MTX Datasheet HTML 5Page - Texas Instruments LM25037MTX Datasheet HTML 6Page - Texas Instruments LM25037MTX Datasheet HTML 7Page - Texas Instruments LM25037MTX Datasheet HTML 8Page - Texas Instruments LM25037MTX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
LM25037, LM25037-Q1
www.ti.com
SNVS572E – JULY 2008 – REVISED JANUARY 2016
6.5 Thermal Information
LM25037/LM25037-Q1
THERMAL METRIC(1)
PW (TSSOP)
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
99.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
32.6
°C/W
RθJB
Junction-to-board thermal resistance
45.8
°C/W
ψJT
Junction-to-top characterization parameter
2
°C/W
ψJB
Junction-to-board characterization parameter
45.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.6 Electrical Characteristics
VVIN = 12V, VVCC = 10V, RRT1 = 30.1 kΩ, RRT2 = 30.1 kΩ, VUVLO = 3 V, TJ =−40°C to +125° unless otherwise stated.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
START-UP REGULATOR (VCC PIN)
VVCC
VCC voltage
IVCC = 10 mA
7.2
7.7
8.1
V
IVCC(Lim)
VCC current limit
VVCC = 7 V
20
mA
VCC Undervoltage threshold
4.6
5
5.4
V
VVCC(UV)
Hysteresis
0.5
V
IVIN
Start-up regulator current
VVIN = 20 V, VUVLO = 0 V
35
58
µA
VVIN = 75 V, VUVLO = 0 V
45
80
µA
Supply current into VCC from Outputs and COMP open, VVCC = 10 V, Outputs
4
mA
external source
switching
VOLTAGE REFERENCE REGULATOR (REF PIN)
REF Voltage
IREF = 0 mA
4.75
5
5.15
V
VREF
REF Voltage Regulation
IREF = 0 to 2.5 mA
7
25
mV
REF Current Limit
VREF = 4.5 V
5
10
mA
IREF(Lim)
VREF Undervoltage
3.7
4
4.3
V
threshold
VREF(UV)
Hysteresis
0.4
V
UNDERVOLTAGE LOCKOUT AND SHUTDOWN (UVLO PIN)
VUVLO
Undervoltage threshold
1.20
1.25
1.295
V
Hysteresis current
UVLO pin sinking
17
22
26
µA
Undervoltage shutdown
IUVLO
UVLO voltage rising
0.35
0.45
0.6
V
threshold
Hysteresis
0.1
V
CURRENT SENSE INPUT (CS PIN)
Current limit threshold
0.22
0.255
0.29
V
VCS
CS from 0 V to 1 V. Time for OUTA and OUTB to
CS delay to output
27
ns
fall to 90% of VCC. Output load = 0 pF.
Leading edge blanking time
65
ns
at CS
CS sink impedance (clocked)
Internal FET sink impedance
21
45
(1)
All limits are ensured. All electrical characteristics having room temperature limits are tested during production at TA = 25°C. All hot and
cold limits are ensured by correlating the electrical characteristics to process and temperature variations and applying statistical process
control.
(2)
Typical specifications represent the most likely parametric norm at 25°C operation.
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM25037 LM25037-Q1


Número de pieza similar - LM25037MTX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM25037MTX NSC-LM25037MTX Datasheet
497Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
logo
Texas Instruments
LM25037MTX/NOPB TI-LM25037MTX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
More results

Descripción similar - LM25037MTX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM5037 TI1-LM5037_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
logo
National Semiconductor ...
LM25037 NSC-LM25037 Datasheet
497Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
LM5037 NSC-LM5037 Datasheet
479Kb / 24P
   Dual-Mode PWM Controller With Alternating Outputs
logo
Texas Instruments
LM25037 TI1-LM25037_14 Datasheet
581Kb / 29P
[Old version datasheet]   Dual-Mode PWM Controller With Alternating Outputs
LM5037 TI-LM5037_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM5037 Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI-LM25037_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
LM25037 TI-LM25037 Datasheet
1Mb / 31P
[Old version datasheet]   LM25037/LM25037-Q1 Dual-Mode PWM Controller With Alternating Outputs
logo
Diodes Incorporated
AZ494 DIODES-AZ494 Datasheet
537Kb / 13P
   VOLTAGE MODE DUAL OUTPUT PWM CONTROLLER
logo
Advanced Power Electron...
APU3046 A-POWER-APU3046 Datasheet
230Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH
logo
Richtek Technology Corp...
DS8817A RICHTEK-DS8817A Datasheet
351Kb / 21P
   Dual-Phase PWM Controller with PWM-VID Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com