Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM25066PSQ Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza LM25066PSQ
Descripción Electrónicos  System Power Management and Protection IC With PMBus
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM25066PSQ Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM25066PSQ Datasheet HTML 2Page - Texas Instruments LM25066PSQ Datasheet HTML 3Page - Texas Instruments LM25066PSQ Datasheet HTML 4Page - Texas Instruments LM25066PSQ Datasheet HTML 5Page - Texas Instruments LM25066PSQ Datasheet HTML 6Page - Texas Instruments LM25066PSQ Datasheet HTML 7Page - Texas Instruments LM25066PSQ Datasheet HTML 8Page - Texas Instruments LM25066PSQ Datasheet HTML 9Page - Texas Instruments LM25066PSQ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
LM25066
SNVS654J – FEBRUARY 2010 – REVISED DECEMBER 2015
www.ti.com
7.5 Electrical Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of –40°C
to 85°C unless otherwise stated. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation.
Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following conditions apply: VIN = 12 V (see
(1) and (2)).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT (VIN PIN)
IIN-EN
Input current, enabled
UVLO = 2 V and OVLO = 0.7 V
5.8
8
mA
POR
Power on reset threshold at VIN
VIN increasing
2.6
2.8
V
PORHYS
POREN hysteresis
VIN decreasing
150
mV
VDD REGULATOR (VDD PIN)
IVDD = 5 mA, VIN = 12 V
4.3
4.5
4.7
V
VDD
IVDD = 5 mA, VIN = 4.5 V
3.5
3.9
4.3
V
VDDILIM
VDD current limit
25
45
mA
UVLO/EN, OVLO PINS
UVLOTH
UVLO threshold
VUVLO Falling
1.147
1.16
1.173
V
UVLOHYS
UVLO hysteresis current
UVLO = 1 V
18
23
28
µA
Delay to GATE high
8
UVLODEL
UVLO delay
µs
Delay to GATE low
20
UVLOBIAS
UVLO bias current
UVLO = 3 V
1
µA
OVLOTH
OVLO threshold
VOVLO rising
1.141
1.16
1.185
V
OVLOHYS
OVLO hysteresis current
OVLO = 1 V
–28
–23
–18
µA
Delay to GATE high
19
OVLODEL
OVLO delay
µs
Delay to GATE low
9
OVLOBIAS
OVLO bias current
OVLO = 1 V
1
µA
POWER GOOD (PGD PIN)
PGDVOL
Output low voltage
ISINK = 2 mA
25
60
mV
PGDIOH
Off leakage current
VPGD = 17 V
1
µA
PGDDELAY
Power Good delay
VFB to VPG
115
ns
FB PIN
FBTH
FB threshold
VFB rising
1.141
1.167
1.19
V
FBHYS
FB hysteresis current
–31
–24
–18
µA
FBLEAK
Off leakage current
VFB = 1 V
1
µA
POWER LIMIT (PWR PIN)
PWRLIM
Power limit sense voltage (VIN-SENSE)
SENSE-OUT = 12 V, RPWR = 25 kΩ
9
12.5
15
mV
IPWR
PWR pin current
VPWR = 2.5 V
–10
µA
RSAT(PWR)
PWR pin impedance when disabled
UVLO = 0.7 V
180
GATE CONTROL (GATE PIN)
Source current
Normal operation
–28
–22
–16
µA
Fault sink current
UVLO = 1 V
1.5
2
2.5
mA
IGATE
VIN - SENSE = 150 mV or VIN < RPOR,
POR circuit breaker sink current
105
190
275
mA
VGATE = 5 V
VGATE
Gate output voltage in normal operation
GATE voltage with respect to ground
17
18.8
20.3
V
OUT PIN
IOUT-EN
OUT bias current, enabled
OUT = VIN, normal operation
16
µA
IOUT-DIS
OUT bias current, disabled(3)
Disabled, OUT = 0 V, SENSE = VIN
–12
µA
(1)
Current out of a pin is indicated as a negative value.
(2)
All limits are specified. All electrical characteristics having room temperature limits are tested during production at TA = 25°C. All hot and
cold limits are specified by correlating the electrical characteristics to process and temperature variations and applying statistical process
control.
(3)
OUT bias current (disabled) due to leakage current through an internal 0.9 M
Ω resistance from SENSE to VOUT.
6
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LM25066


Número de pieza similar - LM25066PSQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM25066 NSC-LM25066 Datasheet
5Mb / 18P
   Evaluation Board Insertion delay: 147 ms (typical)
logo
Texas Instruments
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066A TI1-LM25066A Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
LM25066APSQ TI1-LM25066APSQ Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066APSQ/NOPB TI1-LM25066APSQ/NOPB Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
More results

Descripción similar - LM25066PSQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
[Old version datasheet]   LM5066 High Voltage System Power Management and Protection IC with PMBus
LM25066I TI1-LM25066I Datasheet
1Mb / 60P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC
LM25056A TI1-LM25056A Datasheet
624Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
LM25056 TI1-LM25056 Datasheet
623Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com