Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS7B4253QDDARQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS7B4253QDDARQ1
Descripción Electrónicos  Low-Dropout Voltage-Tracking LDO With 4-mV Tracking Tolerance
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7B4253QDDARQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS7B4253QDDARQ1 Datasheet HTML 4Page - Texas Instruments TPS7B4253QDDARQ1 Datasheet HTML 5Page - Texas Instruments TPS7B4253QDDARQ1 Datasheet HTML 6Page - Texas Instruments TPS7B4253QDDARQ1 Datasheet HTML 7Page - Texas Instruments TPS7B4253QDDARQ1 Datasheet HTML 8Page - Texas Instruments TPS7B4253QDDARQ1 Datasheet HTML 9Page - Texas Instruments TPS7B4253QDDARQ1 Datasheet HTML 10Page - Texas Instruments TPS7B4253QDDARQ1 Datasheet HTML 11Page - Texas Instruments TPS7B4253QDDARQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
IOUT
VIN
10 V/div
100 mV/div
100 mA/div
V(OUT_AC)
IOUT
VIN
10 V/div
100 mV/div
100 mA/div
V(OUT_AC)
0.001
0.75
1.5
2.25
10
100
200
300
400
500
D015
ESR of C
( )
(OUT)
Stable Region
3
IOUT
V(OUT_AC)
VIN
10 V/div
100 mV/div
100 mA/div
0.001
5
10
15
20
10
100
200
300
400
500
D002
ESR of C
( )
(OUT)
Stable Region
0.001
2.5
5
7.5
10
10
100
200
300
400
500
D002
ESR of C
( )
(OUT)
Stable Region
8
TPS7B4253-Q1
SLVSCP3B – JANUARY 2015 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: TPS7B4253-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
VIN = 14 V, VADJ = 5 V, VFB = VOUT, unless otherwise specified
VFB = VOUT
Figure 13. ESR Stability vs Load Capacitance
VFB < VOUT
Figure 14. ESR Stability vs Load Capacitance
Figure 15. ESR Stability vs Load Capacitance (Multiple
Output Capacitors)
VIN = 6 to 40 V
VADJ = 5 V
C(OUT) = 10 µF
IOUT = 100 mA, 20 µs/div
Figure 16. 6- to 40-V Line Transient
VIN = 40 to 6 V
VADJ = 5 V
C(OUT) = 10 µF
IOUT = 100 mA, 20 µs/div
Figure 17. 40- to 6-V Line Transient
VIN = 6 to 40 V
VADJ = 5 V
C(OUT) = 10 µF
IOUT = 10 mA, 20 µs/div
Figure 18. 6- to 40-V Line Transient


Número de pieza similar - TPS7B4253QDDARQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7B4253-Q1 TI-TPS7B4253-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS7B4253-Q1 300-mA 40-V Low-Dropout Voltage-Tracking LDO With 4-mV Tracking Tolerance
More results

Descripción similar - TPS7B4253QDDARQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7B4254-Q1 TI1-TPS7B4254-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   150-mA 40-V Voltage-Tracking LDO With 4-mV Tracking Tolerance
TPS7B4253-Q1 TI-TPS7B4253-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS7B4253-Q1 300-mA 40-V Low-Dropout Voltage-Tracking LDO With 4-mV Tracking Tolerance
TPS7B4250-Q1 TI1-TPS7B4250-Q1 Datasheet
316Kb / 17P
[Old version datasheet]   Low-Dropout Voltage-Tracking LDO
TPS7B4255-Q1 TI1-TPS7B4255-Q1_V01 Datasheet
1Mb / 34P
[Old version datasheet]   TPS7B4255-Q1 Automotive, 70-mA, 40-V, Voltage-Tracking LDO With 5-mV Tracking Tolerance
REVISED AUGUST 2023
TPS7B4256-Q1 TI1-TPS7B4256-Q1_V01 Datasheet
1Mb / 34P
[Old version datasheet]   TPS7B4256-Q1 Automotive, 70-mA, 40-V, Voltage-Tracking LDO With 6-mV Tracking Tolerance
REVISED NOVEMBER 2023
TPS7B4255-Q1 TI-TPS7B4255-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   TPS7B4255-Q1 Automotive, 70-mA, 40-V, Voltage-Tracking LDO With 5-mV Tracking Tolerance
JUNE 2022
TPS7B4256-Q1 TI-TPS7B4256-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   TPS7B4256-Q1 Automotive, 70-mA, 40-V, Voltage-Tracking LDO With 6-mV Tracking Tolerance
SEPTEMBER 2023
TPS7B4250-Q1 TI-TPS7B4250-Q1_15 Datasheet
915Kb / 23P
[Old version datasheet]   TPS7B4250-Q1 Low-Dropout Voltage-Tracking LDO
logo
Infineon Technologies A...
TLE4253 INFINEON-TLE4253 Datasheet
426Kb / 22P
   Low Dropout Voltage Tracking Regulator
Rev. 1.2, November 2009
TLE4250-2 INFINEON-TLE4250-2 Datasheet
314Kb / 17P
   Low Dropout Voltage Tracking Regulator
Rev. 1.0, July 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com