Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54040ADRCT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54040ADRCT
Descripción Electrónicos  Step-Down DC-DC Converter
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54040ADRCT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54040ADRCT Datasheet HTML 6Page - Texas Instruments TPS54040ADRCT Datasheet HTML 7Page - Texas Instruments TPS54040ADRCT Datasheet HTML 8Page - Texas Instruments TPS54040ADRCT Datasheet HTML 9Page - Texas Instruments TPS54040ADRCT Datasheet HTML 10Page - Texas Instruments TPS54040ADRCT Datasheet HTML 11Page - Texas Instruments TPS54040ADRCT Datasheet HTML 12Page - Texas Instruments TPS54040ADRCT Datasheet HTML 13Page - Texas Instruments TPS54040ADRCT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
30
35
40
45
50
55
60
-50
-25
0
25
50
75
100
125
150
V
=0.2V
(SS/TR)
V =12V
I
T -JunctionTemperature-°C
J
0
100
200
300
400
500
0
100
200
300
400
500
600
700
800
VSENSE-mV
V =12V,
I
T =25 C
J
o
2.5
2.25
2
1.75
1.5
-50
-25
0
25
50
75
100
125
150
T - Junction Temperature - °C
J
2
2.25
2.50
2.75
3
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V
I
85
90
95
100
105
110
115
-50
-25
0
25
50
75
100
125
150
VSENSEFalling
VSENSERising
VSENSEFalling
VSENSERising
V =12V
I
T -JunctionTemperature-°C
J
TPS54040A
SLVSB58B – MARCH 2012 – REVISED JANUARY 2016
www.ti.com
Typical Characteristics (continued)
Figure 20. PWRGD Threshold vs Junction Temperature
Figure 19. PWRGD ON Resistance vs Junction Temperature
Figure 21. BOOT-PH UVLO vs Junction Temperature
Figure 22. Input Voltage (UVLO) vs Junction Temperature
Figure 23. SS/TR to VSENSE Offset vs VSENSE
Figure 24. SS/TR to VSENSE OFFSET vs Temperature
10
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Product Folder Links: TPS54040A


Número de pieza similar - TPS54040ADRCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54040ADRCT TI1-TPS54040ADRCT Datasheet
2Mb / 48P
[Old version datasheet]   0.5 A, 42 V Step Down SWIFT??DC/DC Converter with ECO-MODE?
More results

Descripción similar - TPS54040ADRCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX17505 MAXIM-MAX17505 Datasheet
826Kb / 18P
   Step-Down DC-DC Converter
Rev 0; 1/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com