Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS71750QDSERQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS71750QDSERQ1
Descripción Electrónicos  Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71750QDSERQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS71750QDSERQ1 Datasheet HTML 1Page - Texas Instruments TPS71750QDSERQ1 Datasheet HTML 2Page - Texas Instruments TPS71750QDSERQ1 Datasheet HTML 3Page - Texas Instruments TPS71750QDSERQ1 Datasheet HTML 4Page - Texas Instruments TPS71750QDSERQ1 Datasheet HTML 5Page - Texas Instruments TPS71750QDSERQ1 Datasheet HTML 6Page - Texas Instruments TPS71750QDSERQ1 Datasheet HTML 7Page - Texas Instruments TPS71750QDSERQ1 Datasheet HTML 8Page - Texas Instruments TPS71750QDSERQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
IN
N/C
(1)
EN
6
5
4
OUT
GND
NR/FB
1
2
3
OUT
NR/FB
IN
GND
EN
1
2
3
4
5
IN
N/C
(1)
EN
6
5
4
OUT
NR/FB
GND
1
2
3
GND
4
TPS717-Q1
SLVSBM4C – SEPTEMBER 2012 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: TPS717-Q1
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DCK Package
5-Pin SOT
Top View
DRV Package
2-mm × 2-mm, 6-Pin WSON
Top View
DSE Package
1.5-mm × 1.5-mm, 6-Pin WSON
Top View
(1)
N/C = No connection
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
DCK
(SOT)
DRV
(WSON)
DSE
(WSON)
EN
3
4
4
I
Driving the enable pin (EN) above VEN(high) turns on the regulator. Driving
this pin below VEN(low) puts the regulator into standby mode, thereby
disabling the output and reducing operating current.
FB
4
2
3
I
Adjustable voltage version only. The voltage at this pin is fed to the error
amplifier. A resistor divider from OUT to FB sets the output voltage when in
regulation.
GND
2
3
2
Ground
IN
1
6
6
I
Input to the device. A 0.1-
μF to 1-μF capacitor is recommended for better
performance.
N/C
5
5
Not connected. This pin can be tied to ground to improve thermal
dissipation.
NR
4
2
3
Fixed voltage versions only. An external capacitor connected to this pin
bypasses noise generated by the internal band gap, thus lowering output
noise.
OUT
5
1
1
O
This pin is the regulated output voltage. A minimum capacitance of 1
μF is
required for stability from this pin to ground.


Número de pieza similar - TPS71750QDSERQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS71750QDSERQ1 TI1-TPS71750QDSERQ1 Datasheet
1Mb / 23P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
More results

Descripción similar - TPS71750QDSERQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS717 TI1-TPS717_16 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS71750-Q1 TI1-TPS71750-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
TPS717 TI-TPS717 Datasheet
1Mb / 42P
[Old version datasheet]   TPS717xx Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI-TPS717-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS717xx-Q1 Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com