Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS71713DCKTG4 Datasheet(PDF) 4 Page - Texas Instruments

No. de Pieza. TPS71713DCKTG4
Descripción  Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
Descarga  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS71713DCKTG4 Datasheet(HTML) 4 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
IN
N/C
(1)
EN
6
5
4
OUT
GND
NR/FB
1
2
3
OUT
NR/FB
IN
GND
EN
1
2
3
4
5
IN
N/C
(1)
EN
6
5
4
OUT
NR/FB
GND
1
2
3
GND
4
TPS717
SBVS068I – FEBRUARY 2006 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: TPS717
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DCK Package
5-Pin SC70
Top View
DRV Package
2-mm × 2-mm, 6-Pin WSON
Top View
DSE Package
1.5-mm × 1.5-mm, 6-Pin WSON
Top View
(1)
N/C = No connection
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DCK
(SC70)
DRV
(WSON)
DSE
(WSON)
EN
3
4
4
I
Driving the enable pin (EN) above VEN(high) turns on the regulator.
Driving this pin below VEN(low) puts the regulator into standby mode,
thereby disabling the output and reducing operating current.
FB
4
2
3
I
Adjustable voltage version only. The voltage at this pin is fed to the
error amplifier. A resistor divider from OUT to FB sets the output
voltage when in regulation.
GND
2
3
2
Ground
IN
1
6
6
I
Input to the device. A 0.1-
μF to 1-μF capacitor is recommended for
better performance.
N/C
5
5
Not connected. This pin can be tied to ground to improve thermal
dissipation.
NR
4
2
3
Fixed voltage versions only. The noise reduction capacitor filters the
noise generated by the internal band gap, thus lowering output noise.
OUT
5
1
1
O
This pin is the regulated output voltage. A minimum capacitance of
1
μF is required for stability from this pin to ground.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn