Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS71728DCKR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS71728DCKR
Descripción  Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
Descarga  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS71728DCKR Datasheet(HTML) 10 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
16
14
12
10
8
6
4
2
0
100
10k
100k
Frequency (Hz)
1k
C
= 10 F
m
OUT
C
= 1 F
m
OUT
I
= 10mA
C
= 10nF
OUT
NR
30
25
20
15
10
5
0
100
10k
100k
Frequency (Hz)
1k
C
= 0nF
NR
C
= 1nF
NR
C
= 10nF
NR
C
= 100nF
NR
I
= 10mA
C
= 1 F
OUT
OUT
m
80
70
60
50
40
30
20
10
0
0
2.5
4.0
V
V
(V)
-
IN
OUT
1.0
1.5
2.0
0.5
3.0
3.5
1MHz
10kHz
1kHz
100kHz
I
= 150mA
C
= 1 F
C
= 10nF
OUT
OUT
NR
m
16
14
12
10
8
6
4
2
0
100
10k
100k
Frequency (Hz)
1k
I
= 150mA
OUT
I
= 10mA
OUT
C
= 1 F
C
= 10nF
m
OUT
NR
80
70
60
50
40
30
20
10
0
0
2.5
4.0
V
V
(V)
-
IN
OUT
1.0
1.5
2.0
0.5
3.0
3.5
1MHz
10kHz
1kHz
100kHz
I
= 10mA
C
= 1 F
C
= 10nF
OUT
OUT
NR
m
80
70
60
50
40
30
20
10
0
0
2.5
4.0
V
V
(V)
-
IN
OUT
1.0
1.5
2.0
0.5
3.0
3.5
1MHz
10kHz
1kHz
100kHz
I
= 75mA
C
= 1 F
C
= 10nF
OUT
OUT
NR
m
10
TPS717
SBVS068I – FEBRUARY 2006 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: TPS717
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Over operating temperature range (TJ = –40°C to 125°C), VIN = VOUT(nom) + 0.5 V or 2.5 V, whichever is greater; IOUT =
0.5 mA, VEN = VIN, COUT = 1 μF, CNR = 0.01 μF, unless otherwise noted. For the adjustable version (TPS71701,) VOUT = 2.8 V.
Typical values are at TA = 25°C.
Figure 19. Power-Supply Ripple Rejection vs (VIN – VOUT)
Figure 20. Power-Supply Ripple Rejection vs (VIN – VOUT)
Figure 21. Power-Supply Ripple Rejection vs (VIN – VOUT)
Figure 22. Output Spectral Noise Density vs
Output Current
Figure 23. Output Spectral Noise Density vs
Output Capacitance
Figure 24. Output Spectral Noise Density vs
Noise Reduction


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn