Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS71728DSETG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS71728DSETG4
Descripción Electrónicos  Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71728DSETG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS71728DSETG4 Datasheet HTML 3Page - Texas Instruments TPS71728DSETG4 Datasheet HTML 4Page - Texas Instruments TPS71728DSETG4 Datasheet HTML 5Page - Texas Instruments TPS71728DSETG4 Datasheet HTML 6Page - Texas Instruments TPS71728DSETG4 Datasheet HTML 7Page - Texas Instruments TPS71728DSETG4 Datasheet HTML 8Page - Texas Instruments TPS71728DSETG4 Datasheet HTML 9Page - Texas Instruments TPS71728DSETG4 Datasheet HTML 10Page - Texas Instruments TPS71728DSETG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
2.0
1.5
1.0
0.5
0
0.5
1.0
1.5
2.0
-
-
-
-
-40
65
125
T ( C)
J °
5
35
-25 -10
20
50
80
95
110
I
= 100 A
m
OUT
I
= 5mA
OUT
I
= 150mA
OUT
250
200
150
100
50
0
0
100
150
I
(mA)
OUT
50
T = 125 C
A
°
T = 85 C
A
°
T = 25 C
A
°
T = -40 C
A
°
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1.0
-
-
-
-
-
2.5
5.5
6.5
V
(V)
IN
3.5
4.5
125 C
°
25 C
°
-40 C
°
85 C
°
3.0
2.0
1.0
0
1.0
2.0
3.0
-
-
-
2.5
5.5
6.5
V
(V)
IN
3.5
4.5
125 C
°
85 C
°
25 C
°
-40 C
°
50
40
30
20
10
0
10
20
30
40
50
-
-
-
-
-
0
50
100
150
I
(mA)
OUT
85 C
°
125 C
°
25 C
°
-40 C
°
50
40
30
20
10
0
10
20
30
40
50
-
-
-
-
-
I
(mA)
OUT
0
5
1
2
3
4
125 C
°
85 C
°
25 C
°
-40 C
°
7
TPS717
www.ti.com
SBVS068I – FEBRUARY 2006 – REVISED JANUARY 2016
Product Folder Links: TPS717
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
6.6 Typical Characteristics
Over operating temperature range (TJ = –40°C to 125°C), VIN = VOUT(nom) + 0.5 V or 2.5 V, whichever is greater; IOUT =
0.5 mA, VEN = VIN, COUT = 1 μF, CNR = 0.01 μF, unless otherwise noted. For the adjustable version (TPS71701,) VOUT = 2.8 V.
Typical values are at TA = 25°C.
Figure 1. Load Regulation
Figure 2. Load Regulation Under Light Loads
Figure 3. Line Regulation (IOUT = 5 mA)
Figure 4. Line Regulation (IOUT = 150 mA)
Figure 5. Output Voltage vs Temperature
Figure 6. Dropout Voltage vs Output Current


Número de pieza similar - TPS71728DSETG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS71728DSETG4 TI-TPS71728DSETG4 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71728DSETG4 TI-TPS71728DSETG4 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71728DSETG4 TI-TPS71728DSETG4 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71728DSETG4 TI-TPS71728DSETG4 Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71728DSETG4 TI1-TPS71728DSETG4 Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results

Descripción similar - TPS71728DSETG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS71750-Q1 TI1-TPS71750-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
TPS717 TI-TPS717 Datasheet
1Mb / 42P
[Old version datasheet]   TPS717xx Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI-TPS717-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS717xx-Q1 Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com