Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65150 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza TPS65150
Descripción Electrónicos  Low Input Voltage, Compact LCD Bias IC
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65150 Datasheet(HTML) 3 Page - Texas Instruments

  TPS65150_16 Datasheet HTML 1Page - Texas Instruments TPS65150_16 Datasheet HTML 2Page - Texas Instruments TPS65150_16 Datasheet HTML 3Page - Texas Instruments TPS65150_16 Datasheet HTML 4Page - Texas Instruments TPS65150_16 Datasheet HTML 5Page - Texas Instruments TPS65150_16 Datasheet HTML 6Page - Texas Instruments TPS65150_16 Datasheet HTML 7Page - Texas Instruments TPS65150_16 Datasheet HTML 8Page - Texas Instruments TPS65150_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
1
2
3
4
5
6
18
17
16
15
14
13
Thermal Pad
COMP
GD
FDLY
FB
DLY1
DLY2
VGH
ADJ
CTRL
FBP
IN
VCOM
FB
DLY1
DLY2
VIN
SW
SW
PGND
PGND
SUP
VCOM
IN
FBP
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
FDLY
GD
COMP
FBN
REF
GND
DRVN
DRVP
CPI
VGH
ADJ
CTRL
TPS65150
www.ti.com
SLVS576B – SEPTEMBER 2005 – REVISED JANUARY 2016
5 Pin Configuration and Functions
PWP Package
24-Pin HTSSOP
RGE Package
Top View
24-Pin VQFN
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
VQFN
HTSSOP
Gate voltage shaping circuit. Connecting a capacitor to this pin sets the fall time
ADJ
17
14
I/O
of the positive gate voltage V(VGH).
This is the compensation pin for the main boost converter. A small capacitor and
COMP
1
22
O
if required a series resistor is connected to this pin.
CPI
19
16
I
Input of the VGH isolation switch and gate voltage shaping circuit.
Control signal for the gate voltage shaping signal. Apply the control signal for the
gate voltage control. Usually the timing controller of the LCD panel generates
this signal. If this function is not required, this pin must be connected to VI. By
CTRL
16
13
I
doing this, the internal switch between CPI and VGH provides isolation for the
positive charge pump output V(VGH). DLY2 sets the delay time for V(VGH) to come
up.
Power-on sequencing adjust. Connecting a capacitor from this pin to ground
DLY1
5
2
I/O
allows to set the delay time between the boost converter output V(VS) and the
negative charge pump V(VGL) during start-up.
Power-on sequencing adjust. Connecting a capacitor from this pin to ground
allows to set the delay time between the negative charge pump V(VGL) and the
DLY2
6
3
I/O
positive charge pump during start-up. Note that Q5 in the gate voltage shaping
block only turns on when the positive charge pump is within regulation. (This
provides input-output isolation of V(VGH)).
DRVN
21
18
I/O
Negative charge pump driver.
DRVP
20
17
I/O
Positive charge pump driver.
FB
4
1
I
Boost converter feedback sense input.
FBN
24
21
I
Negative charge pump feedback sense input.
FBP
15
12
I
Positive charge pump feedback sense input.
Fault delay. Connecting a capacitor from this pin to VI sets the delay time from
the point when one or more of the of the outputs V(VS), V(VGH), V(VGL) drops
FDLY
3
24
I/O
below its power good threshold until the device shuts down. To restart the
device, the input voltage must be cycled to ground. This feature can be disabled
by connecting the FDLY pin to VI.
Active-low, open-drain output. This output is latched low when the boost
GD
2
23
I
converter output is in regulation. This signal can be used to drive an external
MOSFET to provide isolation for V(VS).
GND
22
19
Analog ground.
Copyright © 2005–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS65150


Número de pieza similar - TPS65150_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65150-Q1 TI-TPS65150-Q1 Datasheet
706Kb / 27P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
TPS65150PWP TI-TPS65150PWP Datasheet
1Mb / 28P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
TPS65150PWPG4 TI-TPS65150PWPG4 Datasheet
1Mb / 28P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
TPS65150PWPR TI-TPS65150PWPR Datasheet
1Mb / 28P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
TPS65150PWPRG4 TI-TPS65150PWPRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
More results

Descripción similar - TPS65150_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65150 TI-TPS65150 Datasheet
1Mb / 28P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
TPS65150QPWPRQ1 TI-TPS65150QPWPRQ1 Datasheet
706Kb / 27P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
TPS65162 TI-TPS65162 Datasheet
1Mb / 36P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV-LCD Panels
logo
MagnaChip Semiconductor...
MAP7102 MGCHIP-MAP7102 Datasheet
1Mb / 17P
   Dual Output LCD Bias IC
logo
Texas Instruments
TPS65146 TI-TPS65146 Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC with LDO, VCOM Buffer and Reset Function
TPS65177 TI1-TPS65177_16 Datasheet
3Mb / 66P
[Old version datasheet]   Programmable 6-CH LCD Bias IC
TPS65165 TI-TPS65165 Datasheet
707Kb / 26P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65165 TI-TPS65165_12 Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65167 TI-TPS65167_07 Datasheet
1Mb / 39P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65167 TI-TPS65167 Datasheet
1Mb / 37P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com