Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65182BRGZT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS65182BRGZT
Descripción Electrónicos  Enabled Electronic Paper Display
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65182BRGZT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65182BRGZT Datasheet HTML 6Page - Texas Instruments TPS65182BRGZT Datasheet HTML 7Page - Texas Instruments TPS65182BRGZT Datasheet HTML 8Page - Texas Instruments TPS65182BRGZT Datasheet HTML 9Page - Texas Instruments TPS65182BRGZT Datasheet HTML 10Page - Texas Instruments TPS65182BRGZT Datasheet HTML 11Page - Texas Instruments TPS65182BRGZT Datasheet HTML 12Page - Texas Instruments TPS65182BRGZT Datasheet HTML 13Page - Texas Instruments TPS65182BRGZT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.00
0.05
0.10
0.15
0.20
0.25
Load Current (A)
Buck-Boost
Boost
C002
0.64
0.66
0.68
0.70
0.72
0.74
0.76
0.78
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
Load Current (mA)
C007
TPS65182, TPS65182B
SLVSAA2D – MARCH 2010 – REVISED JANUARY 2016
www.ti.com
7.6 Data Transmission Timing
VBAT = 3.6 V ±5%, TA = 25ºC, CL = 100 pF (unless otherwise noted)
MIN
NOM
MAX
UNIT
f(SCL)
Serial clock frequency
100
400
KHz
SCL = 100 KHz
4
µs
Hold time (repeated) START condition. After this
tHD;STA
period, the first clock pulse is generated.
SCL = 400 KHz
600
ns
SCL = 100 KHz
4.7
tLOW
LOW period of the SCL clock
µs
SCL = 400 KHz
1.3
SCL = 100 KHz
4
µs
tHIGH
HIGH period of the SCL clock
SCL = 400 KHz
600
ns
SCL = 100 KHz
4.7
µs
tSU;STA
Set-up time for a repeated START condition
SCL = 400 KHz
600
ns
SCL = 100 KHz
0
3.45
µs
tHD;DAT
Data hold time
SCL = 400 KHz
0
900
ns
SCL = 100 KHz
250
tSU;DAT
Data set-up time
ns
SCL = 400 KHz
100
SCL = 100 KHz
1000
tr
Rise time of both SDA and SCL signals
ns
SCL = 400 KHz
300
SCL = 100 KHz
300
tf
Fall time of both SDA and SCL signals
ns
SCL = 400 KHz
300
SCL = 100 KHz
4
µs
tSU;STO
Set-up time for STOP condition
SCL = 400 KHz
600
ns
SCL = 100 KHz
4.7
tBUF
Bus Free Time Between Stop and Start Condition
µs
SCL = 400 KHz
1.3
SCL = 100 KHz
n/a
n/a
Pulse width of spikes which mst be suppressed
tSP
ns
by the input filter
SCL = 400 KHz
0
50
SCL = 100 KHz
400
Cb
Capacitive load for each bus line
pF
SCL = 400 KHz
400
7.7 Typical Characteristics
Figure 1. Efficiency vs Load Current
Figure 2. Load Current vs Efficiency
10
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Product Folder Links: TPS65182 TPS65182B


Número de pieza similar - TPS65182BRGZT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65182BRGZT TI1-TPS65182BRGZT Datasheet
846Kb / 24P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
OCTOBER2010
More results

Descripción similar - TPS65182BRGZT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65180 TI1-TPS65180_16 Datasheet
1Mb / 54P
[Old version datasheet]   Enabled Electronic Paper Display
TPS65180 TI-TPS65180 Datasheet
1,006Kb / 42P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65181B TI1-TPS65181B Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65185 TI1-TPS65185_16 Datasheet
3Mb / 62P
[Old version datasheet]   PMIC for E Ink Vizplex Enabled Electronic Paper Display
TPS65185 TI1-TPS65185_17 Datasheet
3Mb / 61P
[Old version datasheet]   PMIC for E Ink Vizplex Enabled Electronic Paper Display
TPS65180B TI1-TPS65180B Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65186 TI1-TPS65186 Datasheet
2Mb / 47P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65182 TI1-TPS65182 Datasheet
846Kb / 24P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
OCTOBER2010
TPS65185 TI1-TPS65185_13 Datasheet
2Mb / 52P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65185 TI1-TPS65185 Datasheet
2Mb / 48P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER
MAY2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com