Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65632 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza TPS65632
Descripción Electrónicos  Triple-Output AMOLED Display Power Supply
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65632 Datasheet(HTML) 3 Page - Texas Instruments

  TPS65632_16 Datasheet HTML 1Page - Texas Instruments TPS65632_16 Datasheet HTML 2Page - Texas Instruments TPS65632_16 Datasheet HTML 3Page - Texas Instruments TPS65632_16 Datasheet HTML 4Page - Texas Instruments TPS65632_16 Datasheet HTML 5Page - Texas Instruments TPS65632_16 Datasheet HTML 6Page - Texas Instruments TPS65632_16 Datasheet HTML 7Page - Texas Instruments TPS65632_16 Datasheet HTML 8Page - Texas Instruments TPS65632_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1
2
3
4
SWP1
PGND1
OUTP1
FBS
9
CTRL
10
OUTN
11
SWN
Exposed
Thermal
Pad
12
PVIN
TPS65632
www.ti.com
SLVSCY2A – MARCH 2015 – REVISED JANUARY 2016
5 Pin Configuration and Functions
RTE Package
16-Pin WQFN with Thermal Pad
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
AGND
7
GND
Analog ground.
AVIN
16
PWR
Supply voltage for the device.
A capacitor connected between this pin and ground sets the transition time for VNEG
CT
6
I/O
when programmed to a new value.
CTRL
9
I
Boost converter 1 (VPOS) inverting buck-boost converter (VNEG) enable/program.
EN
8
I
Boost converter 2 (AVDD) enable.
FBS
4
I
Boost converter 1 (VPOS) sense input.
OUTN
10
O
Inverting buck-boost converter output (VNEG).
OUTP
3
O
Boost converter 1 output (VPOS).
OUTP2
13
O
Boost converter 2 output (AVDD).
PGND1
2
GND
Boost converter 1 power ground.
PGND2
14
GND
Boost converter 2 power ground.
PVIN
12
PWR
Inverting buck-boost converter power stage supply voltage.
Boost converter 2 output voltage selection pin. AVDD = 7.7 V when SELP2 = low and
SELP2
5
I
5.8 V when SELP2 = high.
SWN
11
I/O
Inverting buck-boost converter switch pin.
SWP1
1
I
Boost converter 1 switch pin.
SWP2
15
I
Boost converter 2 switch pin.
Exposed thermal pad
Connect this pad to AGND, PGND1 and PGND2.
(1)
GND = Ground, PWR = Power, I = Input, O = Output, I/O = Input/Output
Copyright © 2015–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3


Número de pieza similar - TPS65632_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65632 TI1-TPS65632_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS65632 Triple-Output AMOLED Display Power Supply
More results

Descripción similar - TPS65632_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65632 TI1-TPS65632_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS65632 Triple-Output AMOLED Display Power Supply
TPS65651 TI1-TPS65651_15 Datasheet
232Kb / 9P
[Old version datasheet]   TPS65651 Triple-Output AMOLED Display Power Supply
TPS65631 TI1-TPS65631 Datasheet
1Mb / 25P
[Old version datasheet]   Dual-Output AMOLED Display Power Supply
TPS65138 TI1-TPS65138_16 Datasheet
1Mb / 22P
[Old version datasheet]   Dual output AMOLED Display Power Supply
TPS65631W TI1-TPS65631W Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Output AMOLED Display Power Supply
TPS65137ADSCR TI-TPS65137ADSCR Datasheet
979Kb / 22P
[Old version datasheet]   200mA Dual Output AMOLED Display Power
TPS65137AS TI1-TPS65137AS Datasheet
1,007Kb / 20P
[Old version datasheet]   250mA Dual Outputs AMOLED Display Power Supply
logo
ON Semiconductor
NCP5810 ONSEMI-NCP5810 Datasheet
192Kb / 13P
   Dual 1 W Output AMOLED Driver Supply
April, 2007 ??Rev. 0
logo
Analog Intergrations Co...
AIC1533 AIC-AIC1533 Datasheet
397Kb / 17P
   Triple-Output LCD Power Supply
logo
ON Semiconductor
NCP5810D ONSEMI-NCP5810D Datasheet
361Kb / 14P
   Dual 1 W Output AMOLED Driver Supply
March, 2008 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com