Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65735 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS65735
Descripción Electrónicos  PMU for Active Shutter 3D Glasses
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65735 Datasheet(HTML) 1 Page - Texas Instruments

  TPS65735_16 Datasheet HTML 1Page - Texas Instruments TPS65735_16 Datasheet HTML 2Page - Texas Instruments TPS65735_16 Datasheet HTML 3Page - Texas Instruments TPS65735_16 Datasheet HTML 4Page - Texas Instruments TPS65735_16 Datasheet HTML 5Page - Texas Instruments TPS65735_16 Datasheet HTML 6Page - Texas Instruments TPS65735_16 Datasheet HTML 7Page - Texas Instruments TPS65735_16 Datasheet HTML 8Page - Texas Instruments TPS65735_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS65735
SLVSAI6A – JUNE 2011 – REVISED JANUARY 2016
TPS65735 PMU for Active Shutter 3D Glasses
1
Device Overview
1.1
Features
1
• Linear Charger
• Boost Converter
– Three Charger Phases: Pre-Charge, Fast
– Adjustable Output Voltage: 8 V to 16 V
Charge, and Charge Termination
– Boost Output Internally Connected to H-Bridge
– Externally Set Charge Current Which Supports
Analog Switches
up to 100 mA
• Full H-Bridge Analog Switches
– LED Current Sinks for Power Good and Charger
– Controlled by an External Microcontroller for
Status Indication
System Operation
• Low-Dropout Regulator (LDO) Supply for External
• Output Pin for Divided Down Battery Voltage
Modules (Microcontroller, RF Module, IR Module)
Useful for ADC or Comparator Input of an MCU
– LDO Continuous Output Current up to 30 mA
1.2
Applications
Active Shutter 3D Glasses
1.3
Description
The TPS65735 device is a power management unit (PMU) for active shutter 3D glasses consisting of an
integrated power path, linear charger, LDO, boost converter, and full H-bridge analog switches for left and
right shutter operation in a pair of active shutter 3D glasses. In addition to the power devices, a typical 3D
glasses system contains both a microcontroller and a communications front end (IR, RF, or other) in order
to handle the communication and synchronous operation along with a 3D television.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS65735
VSON (32)
4.00 mm x 4.00 mm
(1)
For more information, see Section 10, Mechanical Packaging and Orderable Information.
1.4
Functional Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - TPS65735_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65735RSNR TI1-TPS65735RSNR Datasheet
1Mb / 36P
[Old version datasheet]   PMU For Active Shutter 3D Glasses
JUNE2011
TPS65735RSNT TI1-TPS65735RSNT Datasheet
1Mb / 36P
[Old version datasheet]   PMU For Active Shutter 3D Glasses
JUNE2011
More results

Descripción similar - TPS65735_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65735 TI1-TPS65735 Datasheet
1Mb / 36P
[Old version datasheet]   PMU For Active Shutter 3D Glasses
JUNE2011
TPS65835 TI1-TPS65835 Datasheet
1Mb / 62P
[Old version datasheet]   Advanced PMU With Integrated MSP430 For Active Shutter 3D Glasses
logo
Monolithic Power System...
MP5414 MPS-MP5414 Datasheet
687Kb / 22P
   PMU for 3D Glasses
logo
Holtek Semiconductor In...
HT45FH3T HOLTEK-HT45FH3T Datasheet
4Mb / 131P
   3D Glasses 8-bit Flash Type MCU
logo
List of Unclassifed Man...
60159 ETC1-60159 Datasheet
7Mb / 2P
   SAFETY GLASSES
Rev. 05/20 A
logo
EM Microelectronic - MA...
EM4083 EMMICRO-EM4083 Datasheet
83Kb / 1P
   3D Active Long Range Front-End
logo
Texas Instruments
TPS659121 TI1-TPS659121_16 Datasheet
3Mb / 145P
[Old version datasheet]   PMU for Processor Power
TPS659121 TI1-TPS659121 Datasheet
116Kb / 8P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659122 TI1-TPS659122 Datasheet
441Kb / 10P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS65720 TI-TPS65720 Datasheet
1Mb / 50P
[Old version datasheet]   PMU for Bluetooth Headsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com