Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65735RSNR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS65735RSNR
Descripción Electrónicos  PMU for Active Shutter 3D Glasses
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65735RSNR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65735RSNR Datasheet HTML 3Page - Texas Instruments TPS65735RSNR Datasheet HTML 4Page - Texas Instruments TPS65735RSNR Datasheet HTML 5Page - Texas Instruments TPS65735RSNR Datasheet HTML 6Page - Texas Instruments TPS65735RSNR Datasheet HTML 7Page - Texas Instruments TPS65735RSNR Datasheet HTML 8Page - Texas Instruments TPS65735RSNR Datasheet HTML 9Page - Texas Instruments TPS65735RSNR Datasheet HTML 10Page - Texas Instruments TPS65735RSNR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
TPS65735
www.ti.com
SLVSAI6A – JUNE 2011 – REVISED JANUARY 2016
4.6
Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BATTERY CHARGER POWER PATH
VUVLO(VIN)
Undervoltage lockout at power VVIN: 0 V → 4 V
3.2
3.3
3.45
V
path input, VIN pin
VHYS-UVLO(VIN)
Hysteresis on UVLO at power
VVIN: 4 V → 0 V
200
300
mV
path input, VIN pin
Input power detected if: (VVIN >
Input power detection
VBAT + VIN-DT);
VIN-DT
40
140
mV
threshold
VBAT = 3.6 V
VVIN: 3.5 V → 4 V
VBAT = 3.6 V
VHYS-INDT
Hysteresis on VIN-DT
20
mV
VVIN: 4 V → 3.5 V
VOVP
Input over-voltage protection
VVIN: 5 V → 7 V
6.4
6.6
6.8
V
threshold
VHYS-OVP
Hysteresis on OVP
VVIN: 11 V → 5 V
105
mV
VIN pin to SYS pin dropout
ISYS = 150 mA (including IBAT)
VDO(VIN-SYS)
voltage
VVIN = 4.35 V
350
mV
VVIN – VSYS
VBAT = 3.6 V
BAT pin to SYS pin dropout
ISYS = 100 mA
VDO(BAT-SYS)
voltage
VVIN = 0 V
150
mV
VBAT – VSYS
VBAT > 3 V
IVIN(MAX)
Maximum power path input
VVIN = 5 V
200
mA
current at pin VIN
VSYS
Enter battery supplement
VSUP(ENT)
(VBAT - 40
V
mode
mV)
VSYS
VSUP(EXIT)
Exit battery supplement mode
(VBAT - 20
V
mV)
VSUP(SC)
Output short-circuit limit in
250
mV
supplement mode
VO(SC)
Output short-circuit detection
0.9
V
threshold, power-on
BATTERY CHARGER
VVIN = 5 V
Active supply current into VIN
ICC
No load on SYS pin
2
mA
pin
VBAT > VBAT(REG)
IBAT(SC)
Source current for BAT pin
1
mA
short-circuit detection
VBAT(SC)
BAT pin short-circuit detection
1.6
1.8
2.0
V
threshold
VBAT(REG)
Battery charger output voltage
–1%
4.20
1%
V
VLOWV
Pre-charge to fast-charge
2.9
3.0
3.1
V
transition threshold
Charger fast charge current
VVIN = 5 V
ICHG
range
VBAT(REG) > VBAT > VLOWV
5
100
mA
ICHG = KISET / RISET
VVIN = 5 V
Battery fast charge current set
IVIN(MAX) > ICHG
KISET
factor
ICHG = 100 mA
–20%
450
20%
A
Ω
ICHG = KISET / RISET
No load on SYS pin, thermal loop
not active.
IPRECHG
Pre-charge current
0.07 ×
0.10 ×
0.15 ×
mA
ICHG
ICHG
ICHG
ITERM
Charge current value for
ICHG = 100 mA
7
10
15
mA
termination detection threshold
Copyright © 2011–2016, Texas Instruments Incorporated
Specifications
7
Submit Documentation Feedback
Product Folder Links: TPS65735


Número de pieza similar - TPS65735RSNR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65735RSNR TI1-TPS65735RSNR Datasheet
1Mb / 36P
[Old version datasheet]   PMU For Active Shutter 3D Glasses
JUNE2011
More results

Descripción similar - TPS65735RSNR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65735 TI1-TPS65735 Datasheet
1Mb / 36P
[Old version datasheet]   PMU For Active Shutter 3D Glasses
JUNE2011
TPS65835 TI1-TPS65835 Datasheet
1Mb / 62P
[Old version datasheet]   Advanced PMU With Integrated MSP430 For Active Shutter 3D Glasses
logo
Monolithic Power System...
MP5414 MPS-MP5414 Datasheet
687Kb / 22P
   PMU for 3D Glasses
logo
Holtek Semiconductor In...
HT45FH3T HOLTEK-HT45FH3T Datasheet
4Mb / 131P
   3D Glasses 8-bit Flash Type MCU
logo
List of Unclassifed Man...
60159 ETC1-60159 Datasheet
7Mb / 2P
   SAFETY GLASSES
Rev. 05/20 A
logo
EM Microelectronic - MA...
EM4083 EMMICRO-EM4083 Datasheet
83Kb / 1P
   3D Active Long Range Front-End
logo
Texas Instruments
TPS659121 TI1-TPS659121_16 Datasheet
3Mb / 145P
[Old version datasheet]   PMU for Processor Power
TPS659121 TI1-TPS659121 Datasheet
116Kb / 8P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659122 TI1-TPS659122 Datasheet
441Kb / 10P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS65720 TI-TPS65720 Datasheet
1Mb / 50P
[Old version datasheet]   PMU for Bluetooth Headsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com