Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS650242RHBT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS650242RHBT
Descripción Electrónicos  Power Management ICs for Li-Ion Powered Systems
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650242RHBT Datasheet(HTML) 3 Page - Texas Instruments

  TPS650242RHBT Datasheet HTML 1Page - Texas Instruments TPS650242RHBT Datasheet HTML 2Page - Texas Instruments TPS650242RHBT Datasheet HTML 3Page - Texas Instruments TPS650242RHBT Datasheet HTML 4Page - Texas Instruments TPS650242RHBT Datasheet HTML 5Page - Texas Instruments TPS650242RHBT Datasheet HTML 6Page - Texas Instruments TPS650242RHBT Datasheet HTML 7Page - Texas Instruments TPS650242RHBT Datasheet HTML 8Page - Texas Instruments TPS650242RHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
TPS650240, TPS650241, TPS650242
TPS650243, TPS650244, TPS650245
www.ti.com
SLVS774C – JUNE 2007 – REVISED JANUARY 2016
5 Description (continued)
The TPS65024x also integrates two general-purpose 200-mA LDO voltage regulators, which are enabled with an
external input pin. Each LDO operates with an input voltage range between 1.5 V and 6.5 V, allowing them to be
supplied from one of the step-down converters or directly from the battery. The output voltage of the LDOs can
be set with an external resistor divider for maximum flexibility. Additionally there is a 30-mA LDO typically used to
provide power in a processor-based system to a voltage rail that is always on. TPS65024x provide voltage
scaling on DCDC3 using the DEFDCDC3 pin. This pin either needs to be connected to a logic HIGH or logic
LOW level to set the output voltage of DCDC3. The TPS65024x comes in a small 5-mm × 5-mm, 32-pin VQFN
package (RHB).
6 Voltage Options
VOLTAGE AT
OUTPUT CURRENT ON
VOLTAGE AT
PACKAGE(1)
PART NUMBER(2)
TA
DCDC3
DCDC1 / DCDC2 / DCDC3
VDD_ALIVE
TPS650240RHB
1.0 V / 1.3 V
1.0 A / 0.8 A / 0.8 A
1.2 V
TPS650241RHB
0.9 V / 1.375 V
1.6 A / 1.0 A / 0.8 A
1.2 V
TPS650242RHB
1.0 V / 1.5 V
1.0 A / 0.8 A / 0.8 A
1.2 V
32-Pin VQFN
–40°C to
(RHB)
85°C
TPS650243RHB
1.0 V / 1.2 V
1.6 A / 1.0 A / 0.8 A
1.2 V
TPS650244RHB
1.55 V / 1.6 V
0.8 A / 1.6 A / 0.8 A
1.2 V
TPS650245RHB
0.9 V / 1.1 V
1.0 A / 0.8 A / 0.8 A
1.1 V
(1)
For the most current package and ordering information, see Mechanical, Packaging, and Orderable Information or at www.ti.com.
(2)
The RHB package is available in tape and reel. Add R suffix (TPS650240RHBR) to order quantities of 3000 parts per reel. Add T suffix
(TPS650240RHBT) to order quantities of 250 parts per reel.
Copyright © 2007–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS650240 TPS650241 TPS650242 TPS650243 TPS650244 TPS650245


Número de pieza similar - TPS650242RHBT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS650242RHBT TI-TPS650242RHBT Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650242RHBT TI-TPS650242RHBT Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650242RHBT TI-TPS650242RHBT Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650242RHBTG4 TI-TPS650242RHBTG4 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650242RHBTG4 TI-TPS650242RHBTG4 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
More results

Descripción similar - TPS650242RHBT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS650240_0712 TI-TPS650240_0712 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650241-Q1 TI1-TPS650241-Q1_16 Datasheet
1Mb / 33P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650240 TI-TPS650240 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI-TPS650240_08 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com