Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC1846J/80619 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza UC1846J/80619
Descripción Electrónicos  Current Mode PWM Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

UC1846J/80619 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UC1846J/80619 Datasheet HTML 4Page - Texas Instruments UC1846J/80619 Datasheet HTML 5Page - Texas Instruments UC1846J/80619 Datasheet HTML 6Page - Texas Instruments UC1846J/80619 Datasheet HTML 7Page - Texas Instruments UC1846J/80619 Datasheet HTML 8Page - Texas Instruments UC1846J/80619 Datasheet HTML 9Page - Texas Instruments UC1846J/80619 Datasheet HTML 10Page - Texas Instruments UC1846J/80619 Datasheet HTML 11Page - Texas Instruments UC1846J/80619 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
15
10
9
8
OSC
3
4
+
X3
+
+
5
6
+
E/A
7
COMP
INV
NI
C/S+
C/S-
CT
RT
SYNC
VIN
5.1-V
REFERENCE
REGULATOR
UVLO
LOCKOUT
2
VREF
13
11
VC
A OUT
14
12
B OUT
GND
Q
Q
T
S
S
R
Q
1
+
16
6 k:
0.5 mA
350 mV
0.5 V
F/F
CURRENT LIMIT
ADJUST
SHUTDOWN
UC1846
Output Stage
UC1847
Output Inverted
COMP
UC1846, UC1847, UC2846
UC2847, UC3846, UC3847
SLUS352C – JANUARY 1997 – REVISED DECEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The UCx846/7 family of control devices provides the necessary features to implement off-line or DC-to-DC fixed-
frequency, current-mode control schemes with a minimal external parts count. Internally implemented circuits
include under-voltage lockout featuring start-up current less than 1 mA, a precision reference trimmed for
accuracy at the error amplifier input, logic to insure latched operation, a PWM comparator which also provides
current limit control, and a totem pole output stage designed to source or sink high-peak current. The output
stage, suitable for driving either N-Channel MOSFETs or bipolar transistor switches, is low in the off state.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Current Sense Amplifier
The current sense amplifier may be used in a variety of ways to sense peak switch current for comparison with
an error voltage. Referring to Functional Block Diagram, maximum swing on the inverting input of the PWM
comparator is limited to approximately 3.5 V by the internal regulated supply. Accordingly, for a fixed gain of 3,
maximum differential voltages must be kept below 1.2 V at the current sense inputs.
8
Submit Documentation Feedback
Copyright © 1997–2015, Texas Instruments Incorporated
Product Folder Links: UC1846 UC1847 UC2846 UC2847 UC3846 UC3847


Número de pieza similar - UC1846J/80619

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC1846J/80619 TI-UC1846J/80619 Datasheet
648Kb / 10P
[Old version datasheet]   Current Mode PWM Controller
UC1846J/80619 TI-UC1846J/80619 Datasheet
3Mb / 15P
[Old version datasheet]   Current Mode PWM Controller
UC1846J/80619 TI1-UC1846J/80619 Datasheet
3Mb / 15P
[Old version datasheet]   Current Mode PWM Controller
UC1846J/80619 TI1-UC1846J/80619 Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
More results

Descripción similar - UC1846J/80619

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com