Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCX52-16-G Datasheet(PDF) 6 Page - Comchip Technology

No. de pieza BCX52-16-G
Descripción Electrónicos  General Purpose Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COMCHIP [Comchip Technology]
Página de inicio  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BCX52-16-G Datasheet(HTML) 6 Page - Comchip Technology

  BCX52-16-G Datasheet HTML 1Page - Comchip Technology BCX52-16-G Datasheet HTML 2Page - Comchip Technology BCX52-16-G Datasheet HTML 3Page - Comchip Technology BCX52-16-G Datasheet HTML 4Page - Comchip Technology BCX52-16-G Datasheet HTML 5Page - Comchip Technology BCX52-16-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Page 6
General Purpose Transistor
Suggested PAD Layout
SIZE
(inch)
0.102
(mm)
2.60
1.40
4.40
0.055
0.173
SOT-89-3L
3.20
0.126
A
B
C
D
A
0.075
1.90
1.10
0.52
0.043
0.020
0.58
0.023
E
F
G
H
E
1.50
0.059
I
C
B
D
G
F
H
I
45°
Standard Packaging
Case Type
SOT-89-3L
1,000
REEL
( pcs )
Reel Size
(inch)
7
REEL PACK
Company reserves the right to improve product design , functions and reliability without notice.
REV:A
QW-BTR49
Comchip Technology CO., LTD.
Part Number
BCX51-16-G
Marking Code
AD
Marking Code
BCX52-16-G
AM
BCX53-16-G
AL
XX
xx = Product type marking code


Número de pieza similar - BCX52-16-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zetex Semiconductors
BCX52-16-AM ZETEX-BCX52-16-AM Datasheet
28Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Infineon Technologies A...
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
More results

Descripción similar - BCX52-16-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com