Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M02097G-21 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

No. de pieza M02097G-21
Descripción Electrónicos  3.3/5V LED Driver / Limiting Amplifier for Operation to 500 Mbps
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02097G-21 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  M02097G-21 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02097G-21 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02097G-21 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02097G-21 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02097G-21 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02097G-21 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02097G-21 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02097G-21 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02097G-21 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
02097-DSH-001-C
Mindspeed Technologies
®
1
Preliiminary Information/Mindspeed Proprietary and Confidential
1.0 Product Specification
1.1
Absolute Maximum Ratings
These are the absolute maximum ratings at or beyond which the IC can be expected to fail or be damaged.
Reliable operation at these extremes for any length of time is not implied.
1.2
Recommended Operating Conditions
Table 1-1.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
VCC
Power supply voltage
-0.4 to +6.5
V
VCC3
3.3V power supply voltage (when VCC3 is connected to VCC)
-0.4 to +4.0
V
TA
Ambient operating temperature
-40 to +95
°C
TSTG
Storage temperature
-65 to +150
°C
IPBOUT_MAX
Maximum pre-bias output current at PBOUT
20
mA
IMOD_MAX
Maximum modulation current
140
mA
Table 1-2.
Recommended Operating Conditions
Parameter
Rating
Units
Power supply: (VCC-GND) (apply no potential to VCC3) or
(VCC3-GND) (connect VCC to same potential as VCC3)
+5V ± 7.5% or
+3.3V ± 7.5%
V
Junction temperature
-40 to +125
°C
Operating ambient
-40 to +95
°C


Número de pieza similar - M02097G-21

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
M02097-11 ETC2-M02097-11 Datasheet
671Kb / 21P
   Temperature compensation for modulation current
M02097-12 ETC2-M02097-12 Datasheet
671Kb / 21P
   Temperature compensation for modulation current
More results

Descripción similar - M02097G-21

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
M02044CG-31 MA-COM-M02044CG-31 Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
M02046-15 MA-COM-M02046-15 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTTG4 TI-ONET3301PARGTTG4 Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PA TI-ONET3301PA Datasheet
253Kb / 12P
[Old version datasheet]   155-MBPS TO 3.3-GBPS LIMITING AMPLIFIER
logo
M/A-COM Technology Solu...
M02050-15 MA-COM-M02050-15 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
02046-DSH-003-F MA-COM-02046-DSH-003-F Datasheet
470Kb / 23P
   3.3/5V Limiting Amplifier for Applications to 1.25 Gbps
M02040-15 MA-COM-M02040-15 Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
02050-DSH-002-F MA-COM-02050-DSH-002-F Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
02040-DSH-002-H MA-COM-02040-DSH-002-H Datasheet
672Kb / 27P
   3.3/5V Limiting Amplifier for Applications to 2.125 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com