Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMG1 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

No. de pieza SMG1
Descripción Electrónicos  Voltage-Controlled Attenuator Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMG1 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  SMG1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMG1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SMG1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SMG1 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Voltage-Controlled Attenuator Module
5 to 2000 MHz
Rev. V4
G1 / SMG1
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Outline Drawing: SMA Connectorized *
Absolute Maximum Ratings
Parameter
Absolute Maxi-
mum
Storage Temperature
-62ºC to +125ºC
Case Temperature
125ºC
DC Voltage
+18 V
Continuous Input Power
+20 dBm
Short Term Input power
(1 minute max.)
200 mW
Peak Power (3 µsec max.)
1 W
“S” Series Burn-In
Temperature (case)
125ºC
Typical Performance Curves at +25°C
Outline Drawing: Surface Mount *
Outline Drawing: TO-8 *
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 19 grams (0.67 oz.) max


Número de pieza similar - SMG1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
SMG1 MACOM-SMG1 Datasheet
492Kb / 3P
   Voltage-Controlled Attenuator Module 5 to 2000 MHz
logo
M/A-COM Technology Solu...
SMG1 MA-COM-SMG1 Datasheet
1Mb / 3P
   Voltage-Controlled Attenuator Module 5 to 2000 MHz
logo
SeCoS Halbleitertechnol...
SMG111K SECOS-SMG111K Datasheet
485Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
logo
SanRex Corporation
SMG12C60 SANREX-SMG12C60 Datasheet
461Kb / 3P
   THYRISTOR(Through Hole/Non-isolated)
logo
Inchange Semiconductor ...
SMG12C60 ISC-SMG12C60 Datasheet
216Kb / 2P
   isc Thyristors
More results

Descripción similar - SMG1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
SMG2 MA-COM-SMG2_15 Datasheet
1Mb / 4P
   Voltage Controlled Attenuator Module
G2_SMG2 MA-COM-G2_SMG2 Datasheet
1Mb / 3P
   Voltage-Controlled Attenuator Module
G30_SMG30 MA-COM-G30_SMG30 Datasheet
1Mb / 3P
   Voltage-Controlled Attenuator Module
G40_SMG40 MA-COM-G40_SMG40 Datasheet
1Mb / 3P
   Voltage-Controlled Attenuator Module
G1_SMG1 MA-COM-G1_SMG1 Datasheet
1Mb / 3P
   Voltage-Controlled Attenuator Module
logo
Teledyne Technologies I...
GRS6012 TELEDYNE-GRS6012 Datasheet
75Kb / 1P
   SMTO-8B VOLTAGE CONTROLLED ATTENUATOR MODULE
logo
List of Unclassifed Man...
RFSA2013TR7 ETC-RFSA2013TR7 Datasheet
2Mb / 17P
   VOLTAGE CONTROLLED ATTENUATOR
logo
RF Micro Devices
RFSA2023 RFMD-RFSA2023 Datasheet
1Mb / 17P
   VOLTAGE CONTROLLED ATTENUATOR
RFSA2013 RFMD-RFSA2013 Datasheet
2Mb / 17P
   VOLTAGE CONTROLLED ATTENUATOR
logo
Qorvo, Inc
RFSA2023 QORVO-RFSA2023 Datasheet
3Mb / 16P
   Voltage Controlled Attenuator
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com