Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS7A6533-Q1 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TPS7A6533-Q1
Descripción Electrónicos  Low-Dropout Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A6533-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS7A6533-Q1 Datasheet HTML 2Page - Texas Instruments TPS7A6533-Q1 Datasheet HTML 3Page - Texas Instruments TPS7A6533-Q1 Datasheet HTML 4Page - Texas Instruments TPS7A6533-Q1 Datasheet HTML 5Page - Texas Instruments TPS7A6533-Q1 Datasheet HTML 6Page - Texas Instruments TPS7A6533-Q1 Datasheet HTML 7Page - Texas Instruments TPS7A6533-Q1 Datasheet HTML 8Page - Texas Instruments TPS7A6533-Q1 Datasheet HTML 9Page - Texas Instruments TPS7A6533-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
0
100
200
300
400
500
600
700
4
14
24
34
VIN (V)
VOUT = 5V, 3.3V
TA= 25°C
IOUT = 100mA
No Load
40
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0
50
100
150
200
250
300
IOUT (mA)
TA = 25°C
V OUT = 5V
TA = 125°C
TA = -40°C
0
10
20
30
40
50
60
70
80
0.001
0.01
0.1
1
10
100
1000
IOUT (mA)
VIN = 14V
TA= 25°C
VOUT = 5V, 3.3V
15
20
25
30
35
40
45
50
55
-50
0
50
100
150
TA (°C)
VIN =14V
VOUT=5V, 3.3V
IOUT = 1mA
IOUT = 250mA
I
(mA)
OUT
0.01
0.1
1
10
100
300
0.01
0.1
1
10
30
0.03
0.06
V = 14V
C
= 1µF
T = 27°C
V
= 5V
IN
OUT
A
OUT
Stable Operation
Unstable
Operation
I
(mA)
OUT
0.01
0.1
1
10
100
300
0.01
0.1
1
10
30
0.03
0.06
V
= 14V
C
= 1µF
T = 27°C
V
= 3.3V
IN
OUT
A
OUT
Stable Operation
Unstable
Operation
TPS7A6533-Q1, TPS7A6550-Q1
SLVSA98D – MAY 2010 – REVISED DECEMBER 2015
www.ti.com
6.7 Typical Characteristics
Figure 1. ESR vs Load Current
Figure 2. ESR vs Load Current
Figure 4. Quiescent Current vs Ambient Air Temperature
Figure 3. Quiescent Current vs Load Current
Figure 6. Dropout Voltage vs Load Current (1)
Figure 5. Quiescent Current vs Input Voltage
(1)
Dropout voltage is measured when the output voltage drops by 100 mV from the regulated output voltage level. (For example, the drop
out voltage for TPS7A6550 is measured when the output voltage drops down to 4.9 V from 5 V.)
6
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TPS7A6533-Q1 TPS7A6550-Q1


Número de pieza similar - TPS7A6533-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1 Datasheet
813Kb / 18P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6533-Q1 TI-TPS7A6533-Q1 Datasheet
989Kb / 18P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6533-Q1 TI1-TPS7A6533-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, 40-V, Low-Dropout Regulator With 25-UA Quiescent Current
TPS7A6533-Q1 TI1-TPS7A6533-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, 40-V, Low-Dropout Regulator With 25-UA Quiescent Current
More results

Descripción similar - TPS7A6533-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
logo
TOKO, Inc
TK712XX TOKO-TK712XX Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
TK713XX TOKO-TK713XX Datasheet
104Kb / 22P
   LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_15 Datasheet
188Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_06 Datasheet
179Kb / 16P
   Low Dropout Regulator
logo
List of Unclassifed Man...
EC1086 ETC-EC1086 Datasheet
508Kb / 14P
   Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com