Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS73101DBVRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS73101DBVRG4
Descripción Electrónicos  Low Dropout Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73101DBVRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS73101DBVRG4 Datasheet HTML 1Page - Texas Instruments TPS73101DBVRG4 Datasheet HTML 2Page - Texas Instruments TPS73101DBVRG4 Datasheet HTML 3Page - Texas Instruments TPS73101DBVRG4 Datasheet HTML 4Page - Texas Instruments TPS73101DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS73101DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS73101DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS73101DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS73101DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
IN
GND
EN
NR/FB
OUT
1
2
3
4
5
TPS731
www.ti.com
SBVS034N – SEPTEMBER 2003 – REVISED DECEMBER 2015
5 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
IN
1
I
Input supply.
GND
2
Ground.
Driving the enable pin (EN) high turns on the regulator. Driving this pin low puts the regulator into
EN
3
I
shutdown mode. Refer to Enable Pin and Shutdown for more details. EN can be connected to IN if not
used.
Fixed-voltage versions only—connecting an external capacitor to this pin bypasses noise generated by
NR
4
the internal bandgap, reducing output noise to very low levels.
Adjustable-voltage version only—this is the input to the control loop error amplifier, and is used to set the
FB
4
I
output voltage of the device.
OUT
5
O
Output of the regulator. There are no output capacitor requirements for stability.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS731


Número de pieza similar - TPS73101DBVRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS73101DBVRG4 TI-TPS73101DBVRG4 Datasheet
300Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
More results

Descripción similar - TPS73101DBVRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
logo
TOKO, Inc
TK712XX TOKO-TK712XX Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
TK713XX TOKO-TK713XX Datasheet
104Kb / 22P
   LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_15 Datasheet
188Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_06 Datasheet
179Kb / 16P
   Low Dropout Regulator
logo
List of Unclassifed Man...
EC1086 ETC-EC1086 Datasheet
508Kb / 14P
   Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com