Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS53315 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza TPS53315
Descripción Electrónicos  Step-Down Regulator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53315 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS53315_15 Datasheet HTML 6Page - Texas Instruments TPS53315_15 Datasheet HTML 7Page - Texas Instruments TPS53315_15 Datasheet HTML 8Page - Texas Instruments TPS53315_15 Datasheet HTML 9Page - Texas Instruments TPS53315_15 Datasheet HTML 10Page - Texas Instruments TPS53315_15 Datasheet HTML 11Page - Texas Instruments TPS53315_15 Datasheet HTML 12Page - Texas Instruments TPS53315_15 Datasheet HTML 13Page - Texas Instruments TPS53315_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
78
90
94
74
70
82
86
0
98
2
4
6
8
10
12
Output Current (A)
V
IN = 5 V
FCCM
f
SW = 500 kHz
V
OUT (V)
1.0
1.1
1.2
1.5
1.8
3.3
78
90
94
74
70
82
86
0
98
2
4
6
8
10
12
Output Current (A)
V
IN = 5 V
Skip Mode
f
SW = 500 kHz
V
OUT (V)
1.0
1.1
1.2
1.5
1.8
3.3
78
90
94
74
70
82
86
0
98
2
4
6
8
10
12
Output Current (A)
1.0
1.1
1.2
1.5
1.8
3.3
5.0
V
OUT (V)
V
IN = 12 V
FCCM
f
SW = 500 kHz
78
90
94
74
70
82
86
0
98
2
4
6
8
10
12
Output Current (A)
V
OUT (V)
1.0
1.1
1.2
1.5
1.8
3.3
5.0
V
IN = 12 V
Skip Mode
f
SW = 500 kHz
78
90
94
74
70
82
86
0
98
2
4
6
8
10
12
Output Current (A)
V
IN = 12 V
FCCM
f
SW = 300 kHz
1.0
1.1
1.2
1.5
1.8
3.3
5.0
V
OUT (V)
78
90
94
74
70
82
86
0
98
2
4
6
8
10
12
Output Current (A)
V
IN = 12 V
Skip Mode
f
SW = 300 kHz
1.0
1.1
1.2
1.5
1.8
3.3
5.0
V
OUT (V)
TPS53315
SLUSAE6A – DECEMBER 2010 – REVISED DECEMBER 2015
www.ti.com
Typical Characteristics (continued)
Inductor Values: IN06155: 1 µH, 2.3 m
Ω, HCB1175-501: 0.5 µH, 0.29 mΩ
Inductors: VOUT ≤ 1.8 V: HCB1175-501, VOUT ≥ 3.3 V: IN06155
Inductors: VOUT ≤ 1.8 V: HCB1175-501, VOUT ≥ 3.3 V: IN06155
Figure 13. Efficiency vs Output Current
Figure 14. Efficiency vs Output Current
Inductors: VOUT ≤ 1.8 V: HCB1175-501, VOUT ≥ 3.3 V: IN06155
Inductors: VOUT ≤ 1.8 V: HCB1175-501, VOUT ≥ 3.3 V: IN06155
Figure 15. Efficiency vs Output Current
Figure 16. Efficiency vs Output Current
Inductor: HCB1175-501
Inductor: HCB1175-501
Figure 17. Efficiency vs Output Current
Figure 18. Efficiency vs Output Current
10
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TPS53315


Número de pieza similar - TPS53315_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS53315RGFR TI1-TPS53315RGFR Datasheet
1Mb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53315RGFT TI1-TPS53315RGFT Datasheet
1Mb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
More results

Descripción similar - TPS53315_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
LX1910 MICROSEMI-LX1910 Datasheet
239Kb / 8P
   Step-Down Regulator
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
logo
Bookly Micro electronic
BM1584 BOOKLY-BM1584 Datasheet
5Mb / 8P
   Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com