Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS73201DCQG4 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza TPS73201DCQG4
Descripción Electrónicos  250-mA Low-Dropout Regulator
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73201DCQG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS73201DCQG4 Datasheet HTML 1Page - Texas Instruments TPS73201DCQG4 Datasheet HTML 2Page - Texas Instruments TPS73201DCQG4 Datasheet HTML 3Page - Texas Instruments TPS73201DCQG4 Datasheet HTML 4Page - Texas Instruments TPS73201DCQG4 Datasheet HTML 5Page - Texas Instruments TPS73201DCQG4 Datasheet HTML 6Page - Texas Instruments TPS73201DCQG4 Datasheet HTML 7Page - Texas Instruments TPS73201DCQG4 Datasheet HTML 8Page - Texas Instruments TPS73201DCQG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
IN
N/C
N/C
EN
8
7
6
5
OUT
N/C
NR/FB
GND
1
2
3
4
TAB IS GND
5
IN
OUT
GND
NR/FB
EN
4
3
6
2
1
IN
GND
EN
NR/FB
OUT
1
2
3
4
5
TPS732
www.ti.com
SBVS037P – AUGUST 2003 – REVISED DECEMBER 2015
5 Pin Configuration and Functions
DBV Package
DCQ Package
5-Pin SOT-23
6-Pin SOT-223
Top View
Top View
DRB Package
8-Pin SON With Exposed Thermal Pad
Top View
Pin Functions
PIN
NO.
I/O
DESCRIPTION
NAME
SOT-23
SOT-223
SON
IN
1
1
8
I
Input supply
GND
2
3, 6
4, Pad
Ground
Driving the enable pin (EN) high turns on the regulator. Driving this pin low puts
EN
3
5
5
I
the regulator into shutdown mode. Refer to the Shutdown section under Feature
Description for more details. EN can be connected to IN if not used.
Fixed voltage versions only—connecting an external capacitor to this pin bypasses
NR
4
4
3
noise generated by the internal bandgap, reducing output noise to very low levels.
Adjustable voltage version only—this pin is the input to the control loop error
FB
4
4
3
I
amplifier, and is used to set the output voltage of the device.
OUT
5
2
1
O
Output of the regulator. There are no output capacitor requirements for stability.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS732


Número de pieza similar - TPS73201DCQG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS73201DCQG4 TI-TPS73201DCQG4 Datasheet
678Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73201DCQG4 TI-TPS73201DCQG4 Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
More results

Descripción similar - TPS73201DCQG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
M2950 UTC-M2950 Datasheet
148Kb / 7P
   250 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Vishay Siliconix
SIP21110 VISHAY-SIP21110 Datasheet
452Kb / 12P
   250-mA Adjustable, Low Dropout Regulator
Rev. C, 08-Jun-09
logo
Toshiba Semiconductor
TA58L05S TOSHIBA-TA58L05S Datasheet
230Kb / 12P
   250 mA Low Dropout Voltage Regulator
TA58L05F TOSHIBA-TA58L05F Datasheet
221Kb / 12P
   250 mA Low Dropout Voltage Regulator
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
logo
Texas Instruments
TPPM0304 TI1-TPPM0304 Datasheet
259Kb / 14P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0303 TI-TPPM0303 Datasheet
211Kb / 10P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPS766 TI1-TPS766 Datasheet
2Mb / 44P
[Old version datasheet]   TPS766 250-mA, 16-V Low-Dropout Voltage Regulator
REVISED DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com