Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPS3702CX50QDDCRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPS3702CX50QDDCRQ1
Descripción  High-Accuracy, Overvoltage and Undervoltage Monitor
Descarga  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPS3702CX50QDDCRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
0
0.2
0.4
0.6
0.8
1
0
2
4
6
8
10
Load (mA)
-40
ƒC
0
ƒC
25
ƒC
105
ƒC
125
ƒC
C001
0
0.2
0.4
0.6
0.8
1
0
2
4
6
8
10
Load (mA)
-40
ƒC
0
ƒC
25
ƒC
105
ƒC
125
ƒC
C001
0
10
20
30
40
50
60
70
0
2
4
6
8
10
Overdrive (%)
-40
ƒC
0
ƒC
25
ƒC
105
ƒC
125
ƒC
C001
0
4
8
12
16
20
24
28
0
2
4
6
8
10
Overdrive (%)
-40
ƒC
0
ƒC
25
ƒC
105
ƒC
125
ƒC
C001
0
4
8
12
16
20
24
28
0
2
4
6
8
10
Overdrive (%)
-40
ƒC
0
ƒC
25
ƒC
105
ƒC
125
ƒC
C001
0
10
20
30
40
50
60
70
0
2
4
6
8
10
Overdrive (%)
-40
ƒC
0
ƒC
25
ƒC
105
ƒC
125
ƒC
C001
TPS3702-Q1
SBVS261B – APRIL 2015 – REVISED DECEMBER 2015
www.ti.com
Typical Characteristics (continued)
At TJ = 25°C, VDD = 3 V, and RPU = 10 kΩ, unless otherwise noted.
SENSE transitions from high to low
SENSE transitions from low to high
Figure 8. Undervoltage Propagation Delay vs Overdrive
Figure 9. Overvoltage Propagation Delay vs Overdrive
SENSE transitions from low to high
SENSE transitions from high to low
Figure 10. Undervoltage Propagation Delay vs Overdrive
Figure 11. Overvoltage Propagation Delay vs Overdrive
VDD = 1.8 V
VDD = 18 V
Figure 12. Low-Level Output Voltage vs Output Current
Figure 13. Low-Level Output Voltage vs Output Current
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS3702-Q1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn