Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54227DDAR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54227DDAR
Descripción Electrónicos  Synchronous Step-Down Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54227DDAR Datasheet(HTML) 2 Page - Texas Instruments

  TPS54227DDAR Datasheet HTML 1Page - Texas Instruments TPS54227DDAR Datasheet HTML 2Page - Texas Instruments TPS54227DDAR Datasheet HTML 3Page - Texas Instruments TPS54227DDAR Datasheet HTML 4Page - Texas Instruments TPS54227DDAR Datasheet HTML 5Page - Texas Instruments TPS54227DDAR Datasheet HTML 6Page - Texas Instruments TPS54227DDAR Datasheet HTML 7Page - Texas Instruments TPS54227DDAR Datasheet HTML 8Page - Texas Instruments TPS54227DDAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TPS54227
SLVSAU2C – MAY 2011 – REVISED DECEMBER 2015
www.ti.com
Table of Contents
7.4
Device Functional Modes........................................ 10
1
Features .................................................................. 1
8
Application and Implementation ........................ 11
2
Applications ........................................................... 1
8.1
Application Information............................................ 11
3
Description ............................................................. 1
8.2
Typical Application .................................................. 11
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 15
5
Pin Configuration and Functions ......................... 3
10
Layout................................................................... 15
6
Specifications......................................................... 4
10.1
Layout Guidelines ................................................. 15
6.1
Absolute Maximum Ratings ...................................... 4
10.2
Layout Examples................................................... 15
6.2
ESD Ratings.............................................................. 4
10.3
Thermal Considerations ........................................ 16
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 17
6.4
Thermal Information .................................................. 5
11.1
Documentation Support ........................................ 17
6.5
Electrical Characteristics........................................... 5
11.2
Community Resources.......................................... 17
6.6
Typical Characteristics .............................................. 6
11.3
Trademarks ........................................................... 17
7
Detailed Description .............................................. 8
11.4
Electrostatic Discharge Caution ............................ 17
7.1
Overview ................................................................... 8
11.5
Glossary ................................................................ 17
7.2
Functional Block Diagram ......................................... 8
12
Mechanical, Packaging, and Orderable
7.3
Feature Description................................................... 8
Information ........................................................... 17
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (June 2013) to Revision C
Page
Deleted Ordering Information table ....................................................................................................................................... 1
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section ............................... 1
Changes from Revision A (October 2011) to Revision B
Page
Removed (SWIFT™) from the data sheet title ....................................................................................................................... 1
Added "and 10-pin DRC" to the DESCRIPTION .................................................................................................................... 1
Added the DRC-10 Pin package pin out ................................................................................................................................ 3
Changed the VBST(vs SW) MAX value From: 5.7V to 6V in the ROC table......................................................................... 4
Added High-side switch resistance (DRC) ............................................................................................................................. 5
Added a conditions statement "VIN = 12 V, TA = 25°C" to the TYPICAL CHARACTERISTICS .......................................... 6
Changed Figure 11 title From: 1.05-V, 50-mA to 2-A LOAD TRANSIENT RESPONSE To: 1.05-V, 0-A to 2-A LOAD
TRANSIENT RESPONSE .................................................................................................................................................... 13
Added Figure 18 ................................................................................................................................................................... 16
Changes from Original (May 2010) to Revision A
Page
Corrected the pin numbers for Pins 5 through 8 .................................................................................................................... 3
Added REN - EN pin resistance to GND to the LOGIC THRESHOLD section of the ELECTRICAL
CHARACTERISTICS table ..................................................................................................................................................... 5
2
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS54227


Número de pieza similar - TPS54227DDAR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54227DDAR TI1-TPS54227DDAR Datasheet
329Kb / 19P
[Old version datasheet]   4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN SWIFT
TPS54227DDAR TI-TPS54227DDAR Datasheet
1Mb / 26P
[Old version datasheet]   4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
More results

Descripción similar - TPS54227DDAR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Union Semiconductor, In...
UM3506QA UNIONSEMI-UM3506QA Datasheet
369Kb / 9P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2660 RICHTEK-RT2660 Datasheet
332Kb / 18P
   Synchronous Step-Down Converter
RT2875A RICHTEK-RT2875A Datasheet
295Kb / 16P
   Synchronous Step-Down Converter
RT7249 RICHTEK-RT7249 Datasheet
275Kb / 17P
   Synchronous Step-Down Converter
logo
Rohm
BD90521MUV-C ROHM-BD90521MUV-C Datasheet
2Mb / 42P
   Synchronous Step-Down Converter
BD90541MUV-C ROHM-BD90541MUV-C Datasheet
2Mb / 40P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2856 RICHTEK-RT2856 Datasheet
308Kb / 19P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS548D22 TI1-TPS548D22 Datasheet
304Kb / 10P
[Old version datasheet]   Synchronous Step-Down Converter
logo
Shenzhen Huazhimei Semi...
HM3413D HMSEMI-HM3413D Datasheet
1Mb / 14P
   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com