Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62510DRCRG4 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TPS62510DRCRG4
Descripción Electrónicos  High Efficiency Step-Down Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62510DRCRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62510DRCRG4 Datasheet HTML 4Page - Texas Instruments TPS62510DRCRG4 Datasheet HTML 5Page - Texas Instruments TPS62510DRCRG4 Datasheet HTML 6Page - Texas Instruments TPS62510DRCRG4 Datasheet HTML 7Page - Texas Instruments TPS62510DRCRG4 Datasheet HTML 8Page - Texas Instruments TPS62510DRCRG4 Datasheet HTML 9Page - Texas Instruments TPS62510DRCRG4 Datasheet HTML 10Page - Texas Instruments TPS62510DRCRG4 Datasheet HTML 11Page - Texas Instruments TPS62510DRCRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
SW
MOSFETDriver
AntiShootThrough
ConverterControl
Logic
HighSide
Current
Sense
LowSide
Current
Sense
Vref
0.6V
Vref
0.6V
1.5MHz
SawTooth
Summing
Comparator
FB
Loop
Compensation
Error Amplifier
PFM
Comparator
Analog
Softstart
PLL
MODE
PVIN
Bandgap
Undervoltage
Lockout
ThermalShutdown
AVIN
PGND
AGND
0.6V
PG
OVT
EN
EN
OutputVoltage
Tracking
R1
R2
(SeeNote A)
Vref -2%
PFM/PWM
Transition
Q1
Q2
Q3
Q4
R3
R4
VOUT
Generator
0.6V
Vref
0.6V
TPS62510
SLVS651B – MAY 2006 – REVISED DECEMBER 2015
www.ti.com
7.2 Functional Block Diagram
A.
R1 and R2 are only used for the fixed output voltage version.
7.3 Feature Description
7.3.1 Output Voltage Tracking (OVT)
In applications where a processor or FPGA is powered, it is important that the I/O voltage and core voltage start-
up in a controlled way to avoid possible processor and FPGA latch-up. To implement this, the TPS62510 has an
output voltage tracking feature where the internal reference voltage for the error amplifier follows the voltage
applied to OVT, until OVT reaches Vref. Vref is the nominal internal reference voltage, typically 0.6 V. Figure 7
shows a typical application where an external voltage (V1) is applied to OVT pin using a resistor divider.
8
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: TPS62510


Número de pieza similar - TPS62510DRCRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62510DRCRG4 TI-TPS62510DRCRG4 Datasheet
2Mb / 24P
[Old version datasheet]   1.5-A, LOW VI HIGH EFFICIENCY STEP-DOWN CONVERTER
More results

Descripción similar - TPS62510DRCRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Richtek Technology Corp...
RT8092 RICHTEK-RT8092 Datasheet
327Kb / 27P
   High Efficiency Step-Down Converter
logo
Texas Instruments
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Richtek Technology Corp...
RT8060 RICHTEK-RT8060 Datasheet
269Kb / 10P
   1.5MHz, 1A High Efficiency Step-Down Converter
logo
ON Semiconductor
NCV894530 ONSEMI-NCV894530 Datasheet
88Kb / 8P
   High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 2
logo
Linear Technology
LTC3637EMSE LINER-LTC3637EMSE Datasheet
726Kb / 8P
   High Efficiency 76V, 1A Step-Down Converter
logo
Richtek Technology Corp...
RT8060A RICHTEK-RT8060A Datasheet
235Kb / 10P
   1.5MHz, 1A High Efficiency Step-Down Converter
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
ACE Technology Co., LTD...
ACE725E ACE-ACE725E Datasheet
867Kb / 11P
   24V , 1.2A High Efficiency Step-Down Converter
VER 1.1
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com