Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS73250DCQG4 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS73250DCQG4
Descripción Electrónicos  250-mA Low-Dropout Regulator
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73250DCQG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS73250DCQG4 Datasheet HTML 1Page - Texas Instruments TPS73250DCQG4 Datasheet HTML 2Page - Texas Instruments TPS73250DCQG4 Datasheet HTML 3Page - Texas Instruments TPS73250DCQG4 Datasheet HTML 4Page - Texas Instruments TPS73250DCQG4 Datasheet HTML 5Page - Texas Instruments TPS73250DCQG4 Datasheet HTML 6Page - Texas Instruments TPS73250DCQG4 Datasheet HTML 7Page - Texas Instruments TPS73250DCQG4 Datasheet HTML 8Page - Texas Instruments TPS73250DCQG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
TPS732xx
GND
EN
NR
IN
OUT
V
IN
V
OUT
Optional
Optional
Optional
ON
OFF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS732
SBVS037P – AUGUST 2003 – REVISED DECEMBER 2015
TPS732xx Capacitor-Free, NMOS, 250-mA Low-Dropout Regulator With Reverse Current
Protection
1 Features
3 Description
The TPS732 family of low-dropout (LDO) voltage
1
Stable with No Output Capacitor or Any Value or
regulators uses an NMOS pass element in a voltage-
Type of Capacitor
follower configuration. This topology is stable using
Input Voltage Range: 1.7 V to 5.5 V
output
capacitors
with
low
equivalent
series
Ultralow Dropout Voltage: 40 mV Typical at
resistance (ESR), and even allows operation without
a capacitor. The device also provides high reverse
250 mA
blockage (low reverse current) and ground pin current
Excellent Load Transient Response—With or
that is nearly constant over all values of output
Without Optional Output Capacitor
current.
NMOS Topology Provides Low Reverse Leakage
The TPS732 uses an advanced BiCMOS process to
Current
yield high precision while delivering very low dropout
Low Noise: 30
μVRMS Typical (10 kHz to 100 kHz)
voltages
and
low
ground
pin
current.
Current
0.5% Initial Accuracy
consumption, when not enabled, is less than 1
μA
and ideal for portable applications. The extremely low
1% Overall Accuracy (Line, Load, and
output noise (30
μVRMS with 0.1-μF CNR) is ideal for
Temperature)
powering VCOs. These devices are protected by
Less Than 1-
μA Maximum IQ in Shutdown Mode
thermal shutdown and foldback current limit.
Thermal Shutdown and Specified Min and Max
Current Limit Protection
Device Information(1)
Available in Multiple Output Voltage Versions
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOT-23 (5)
2.90 mm × 1.60 mm
Fixed Outputs of 1.2 V to 5 V
TPS732xx
SOT-223 (6)
6.50 mm × 3.50 mm
Adjustable Outputs from 1.2 V to 5.5 V
SON (8)
3.00 mm × 3.00 mm
Custom Outputs Available
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
2 Applications
Portable and Battery-Powered Equipment
Post-Regulation for Switching Supplies
Noise-Sensitive Circuitry such as VCOs
Point-of-Load Regulation for DSPs, FPGAs,
ASICs, and Microprocessors
Typical Application Circuit for Fixed-Voltage Versions
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Número de pieza similar - TPS73250DCQG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS73250DCQG4 TI-TPS73250DCQG4 Datasheet
678Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73250DCQG4 TI-TPS73250DCQG4 Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
More results

Descripción similar - TPS73250DCQG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
M2950 UTC-M2950 Datasheet
148Kb / 7P
   250 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Vishay Siliconix
SIP21110 VISHAY-SIP21110 Datasheet
452Kb / 12P
   250-mA Adjustable, Low Dropout Regulator
Rev. C, 08-Jun-09
logo
Toshiba Semiconductor
TA58L05S TOSHIBA-TA58L05S Datasheet
230Kb / 12P
   250 mA Low Dropout Voltage Regulator
TA58L05F TOSHIBA-TA58L05F Datasheet
221Kb / 12P
   250 mA Low Dropout Voltage Regulator
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
logo
Texas Instruments
TPPM0304 TI1-TPPM0304 Datasheet
259Kb / 14P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0303 TI-TPPM0303 Datasheet
211Kb / 10P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPS766 TI1-TPS766 Datasheet
2Mb / 44P
[Old version datasheet]   TPS766 250-mA, 16-V Low-Dropout Voltage Regulator
REVISED DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com