Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2H000AQPWPRQ1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2H000AQPWPRQ1
Descripción Electrónicos  Dual Channels Smart High-Side Power Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2H000AQPWPRQ1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS2H000AQPWPRQ1 Datasheet HTML 1Page - Texas Instruments TPS2H000AQPWPRQ1 Datasheet HTML 2Page - Texas Instruments TPS2H000AQPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPS2H000AQPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS2H000AQPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS2H000AQPWPRQ1 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TPS2H000-Q1
SLVSD72 – DECEMBER 2015
www.ti.com
4 Device and Documentation Support
4.1 Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the respective
contributors. They do not constitute TI specifications and do not necessarily reflect TI's views; see TI's Terms of
Use.
TI E2E™ Online Community TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration
among engineers. At e2e.ti.com, you can ask questions, share knowledge, explore ideas and help
solve problems with fellow engineers.
Design Support TI's Design Support Quickly find helpful E2E forums along with design support tools and
contact information for technical support.
4.2 Trademarks
E2E is a trademark of Texas Instruments.
All other trademarks are the property of their respective owners.
4.3 Electrostatic Discharge Caution
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
4.4 Glossary
SLYZ022 — TI Glossary.
This glossary lists and explains terms, acronyms, and definitions.
5 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS2H000-Q1


Número de pieza similar - TPS2H000AQPWPRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2H160-Q1 TI1-TPS2H160-Q1 Datasheet
158Kb / 6P
[Old version datasheet]   Dual Channels Smart High-Side Power Switch
TPS2H160AQPWPRQ1 TI1-TPS2H160AQPWPRQ1 Datasheet
158Kb / 6P
[Old version datasheet]   Dual Channels Smart High-Side Power Switch
TPS2H160BQPWPRQ1 TI1-TPS2H160BQPWPRQ1 Datasheet
158Kb / 6P
[Old version datasheet]   Dual Channels Smart High-Side Power Switch
TPS2HB08-Q1 TI1-TPS2HB08-Q1 Datasheet
171Kb / 7P
[Old version datasheet]   40-V, 8-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB08-Q1 TI1-TPS2HB08-Q1 Datasheet
851Kb / 52P
[Old version datasheet]   40-V, 8-m(ohm) Dual-Channel Smart High-Side Switch
More results

Descripción similar - TPS2H000AQPWPRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2H160-Q1 TI1-TPS2H160-Q1 Datasheet
158Kb / 6P
[Old version datasheet]   Dual Channels Smart High-Side Power Switch
TPS4H000-Q1 TI1-TPS4H000-Q1 Datasheet
153Kb / 6P
[Old version datasheet]   Quad Channels Smart High-Side Power Switch
logo
Infineon Technologies A...
BTS5434G INFINEON-BTS5434G Datasheet
427Kb / 28P
   Smart High-Side Power Switch PROFET TWO CHANNELS, 60MOHM
V1.0, January 2004
BTS5234G INFINEON-BTS5234G Datasheet
411Kb / 28P
   Smart High-Side Power Switch PROFET TWO CHANNELS, 60MOHM
V1.0, January 2004
BTS5234L INFINEON-BTS5234L Datasheet
414Kb / 28P
   Smart High-Side Power Switch PROFET TWO CHANNELS, 60MOHM
V1.0, January 2004
BTS5235L INFINEON-BTS5235L Datasheet
640Kb / 30P
   Smart High-Side Power Switch PROFET Two Channels, 60 m?
V1.0, Dec 2005
BTS5241L INFINEON-BTS5241L Datasheet
293Kb / 28P
   Smart High-Side Power Switch PROFET Two Channels, 25 mΩ
V1.0, 2004-02-27
BTS5235G INFINEON-BTS5235G Datasheet
638Kb / 30P
   Smart High-Side Power Switch PROFET Two Channels, 60 m?
V1.0, Dec 2005
BTS5231GS INFINEON-BTS5231GS Datasheet
669Kb / 28P
   Smart High-Side Power Switch PROFET Two Channels, 140 m?
V1.0, Dec. 2005
BTT6030-2EKA INFINEON-BTT6030-2EKA_15 Datasheet
2Mb / 54P
   Smart High-Side Power Switch Dual Channel
Rev. 1.1, 2015-03-04
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com