Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP3125 Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TLP3125
Descripción Electrónicos  Replacement for Mechanical-Relay Measurement Instrumentation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3125 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP3125_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP3125_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP3125_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP3125_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP3125_14 Datasheet HTML 5Page - Toshiba Semiconductor TLP3125_14 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP3125
2014-09-01
4
I F ─ Ta
I ON ─ Ta
Ambient temperature Ta (
°C)
Ambient temperature Ta (
°C)
I F ─ VF
I ON ─ VON
Forward voltage VF (V)
On-state voltage VON (V)
RON ─ Ta
I FT ─ Ta
Ambient temperature Ta (
°C)
Ambient temperature Ta (
°C)
-20
0
20
40
60
80
100
120
0
20
40
60
80
100
-20
0
20
40
60
80
100
120
0
50
100
150
200
250
300
0.6
0.8
1
1.2
1.4
1.6
1.8
0.1
1
10
100
0.3
0.5
3
5
50
30
Ta = 25
I = 5 mA
F
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
-300
-200
-100
0
100
200
300
I
= 200 mA
I = 5 mA
t < 1 s
ON
F
-20
0
20
40
60
80
100
0
2
4
6
8
10
I
= 200 mA
t < 1 s
ON
-20
0
20
40
60
80
100
0
1
2
3
4
5
Ta = 25
°C


Número de pieza similar - TLP3125_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP3125 TOSHIBA-TLP3125 Datasheet
194Kb / 6P
   Replacement for Mechanical-Relay Measurement Instrumentation
More results

Descripción similar - TLP3125_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP3125 TOSHIBA-TLP3125 Datasheet
194Kb / 6P
   Replacement for Mechanical-Relay Measurement Instrumentation
TLP598GA TOSHIBA-TLP598GA Datasheet
155Kb / 5P
   Measurement Instrumentation
TLP598AA TOSHIBA-TLP598AA Datasheet
154Kb / 5P
   Measurement Instrumentation
TLP597A TOSHIBA-TLP597A_07 Datasheet
159Kb / 6P
   MEASUREMENT INSTRUMENTATION
TLP206GA TOSHIBA-TLP206GA Datasheet
180Kb / 6P
   Measurement Instrumentation
TLP798GA TOSHIBA-TLP798GA_07 Datasheet
155Kb / 5P
   Measurement Instrumentation
TLP197G TOSHIBA-TLP197G_07 Datasheet
181Kb / 6P
   Measurement Instrumentation
TLP197GA TOSHIBA-TLP197GA Datasheet
186Kb / 6P
   Measurement Instrumentation
TLP599B TOSHIBA-TLP599B Datasheet
183Kb / 5P
   Telecommunication Data Acquisition Measurement Instrumentation
TLP598GA TOSHIBA-TLP598GA_14 Datasheet
180Kb / 5P
   Telecommunication Data Acquisition Measurement Instrumentation
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com