Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS727185YFFT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS727185YFFT
Descripción Electrónicos  Ultralow IQ Fast Transient Response RF Low-Dropout Linear Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS727185YFFT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS727185YFFT Datasheet HTML 6Page - Texas Instruments TPS727185YFFT Datasheet HTML 7Page - Texas Instruments TPS727185YFFT Datasheet HTML 8Page - Texas Instruments TPS727185YFFT Datasheet HTML 9Page - Texas Instruments TPS727185YFFT Datasheet HTML 10Page - Texas Instruments TPS727185YFFT Datasheet HTML 11Page - Texas Instruments TPS727185YFFT Datasheet HTML 12Page - Texas Instruments TPS727185YFFT Datasheet HTML 13Page - Texas Instruments TPS727185YFFT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
20
s/div
m
EN
V
OUT
I
IN
200 ms/div
V
OUT
V
IN
V
OUT
V
IN
100
s/div
m
2.7 V
2.1 V
20
s/div
m
EN
V
OUT
I
IN
50
s/div
m
200 mA
10 mA
V
OUT
I
OUT
V
OUT
V
IN
1 ms/div
2.7 V
2.1 V
TPS727
SBVS128F – JUNE 2009 – REVISED DECEMBER 2015
www.ti.com
Typical Characteristics (continued)
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.3 V or 2.0 V, whichever is greater; IOUT =
10 mA, VEN = VIN, and COUT = 1.0 μF (unless otherwise noted). Typical values are at TJ = +25°C.
Slew rate = 1 V/µs, IOUT = 100 µA
VIN = 2.3 V, tR = tF = 1 µs
Figure 20. Line Transient Response
Figure 19. Load Transient Response: 10 mA to 200 mA
(TPS72718)
(TPS72718)
Slew rate = 1 V/µs, IOUT = 200 µA
VIN = 2.1 V, VOUT = 1.8 V, IOUT = 100 µA
Figure 21. Line Transient Response
Figure 22. VIN Inrush Current
(TPS72718)
(TPS72718)
IOUT = 200 mA
VIN = 2.1 V, VOUT = 1.8 V, IOUT = 200 mA
Figure 24. VIN Ramp Up, Ramp Down Response
Figure 23. VIN Inrush Current
(TPS72718)
(TPS72718)
10
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated


Número de pieza similar - TPS727185YFFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS727185YFFT TI1-TPS727185YFFT Datasheet
681Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
JANUARY2011
TPS727185YFFT TI1-TPS727185YFFT Datasheet
772Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727185YFFT TI-TPS727185YFFT Datasheet
841Kb / 21P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727185YFFT TI-TPS727185YFFT Datasheet
1Mb / 36P
[Old version datasheet]   TPS727 250-mA, Ultralow IQ, Fast Transient Response, RF Low-Dropout Linear Regulator
More results

Descripción similar - TPS727185YFFT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS727XX TI1-TPS727XX_11 Datasheet
681Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
JANUARY2011
TPS72710 TI1-TPS72710 Datasheet
772Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727XX TI-TPS727XX Datasheet
711Kb / 22P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72718DSEEVM-406 TI-TPS72718DSEEVM-406 Datasheet
841Kb / 21P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727XX TI-TPS727XX_1 Datasheet
546Kb / 20P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727 TI-TPS727 Datasheet
1Mb / 37P
[Old version datasheet]   TPS727xx 250-mA, Ultralow IQ, Fast Transient Response,RF Low-Dropout Linear Regulator
TPS727 TI-TPS727_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS727 250-mA, Ultralow IQ, Fast Transient Response, RF Low-Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115 ADMOS-AMS2115_07 Datasheet
213Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
logo
Texas Instruments
LP38512-ADJ TI1-LP38512-ADJ Datasheet
1Mb / 24P
[Old version datasheet]   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com