Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54540QDDARQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54540QDDARQ1
Descripción Electrónicos  Step-Down DC-DC Converter With Eco-mode
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54540QDDARQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS54540QDDARQ1 Datasheet HTML 1Page - Texas Instruments TPS54540QDDARQ1 Datasheet HTML 2Page - Texas Instruments TPS54540QDDARQ1 Datasheet HTML 3Page - Texas Instruments TPS54540QDDARQ1 Datasheet HTML 4Page - Texas Instruments TPS54540QDDARQ1 Datasheet HTML 5Page - Texas Instruments TPS54540QDDARQ1 Datasheet HTML 6Page - Texas Instruments TPS54540QDDARQ1 Datasheet HTML 7Page - Texas Instruments TPS54540QDDARQ1 Datasheet HTML 8Page - Texas Instruments TPS54540QDDARQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
TPS54540-Q1
www.ti.com
SLVSC56B – SEPTEMBER 2013 – REVISED NOVEMBER 2015
6.5 Electrical Characteristics
TJ = –40°C to 150°C, VIN = 4.5 V to 42 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PIN)
Operating input voltage
4.5
42
V
Internal undervoltage lockout threshold
Rising
4.1
4.3
4.48
V
Internal undervoltage lockout threshold hysteresis
325
mV
Shutdown supply current
EN = 0 V, 25°C, 4.5 V
≤ VIN ≤ 42 V
2.25
4.5
μA
Operating: nonswitching supply current
FB = 0.9 V, TA = 25°C
146
175
ENABLE AND UVLO (EN PIN)
Enable threshold voltage
No voltage hysteresis, rising and falling
1.1
1.2
1.3
V
Enable threshold 50 mV
–4.6
Input current
μA
Enable threshold –50 mV
–0.58
–1.2
–1.8
Hysteresis current
–2.2
–3.4
–4.5
μA
INTERNAL SOFT-START TIME
Soft-start time
fSW = 500 kHz, 10% to 90%
2.1
ms
Soft-start time
fSW = 2.5 MHz, 10% to 90%
0.42
ms
VOLTAGE REFERENCE
Voltage reference
0.792
0.8
0.808
V
HIGH-SIDE MOSFET
On-resistance
VIN = 12 V, BOOT-SW = 6 V
92
190
m
Ω
ERROR AMPLIFIER
Input current
50
nA
Error amplifier transconductance (gM)
–2
μA < ICOMP < 2 μA, VCOMP = 1 V
350
μS
Error amplifier transconductance (gM) during soft-start
–2
μA < ICOMP < 2 μA, VCOMP = 1 V, VFB = 0.4 V
77
μS
Error amplifier DC gain
VFB = 0.8 V
10000
V/V
Minimum unity gain bandwidth
2500
kHz
Error amplifier source and sink
V(COMP) = 1 V, 100-mV overdrive
±30
μA
COMP to SW current transconductance
17
A/V
CURRENT LIMIT
All VIN and temperatures, Open Loop(1)
6.3
7.5
8.8
Current limit threshold
All temperatures, VIN = 12 V, Open Loop (1)
6.3
7.5
8.3
A
VIN = 12 V, TA = 25°C, Open Loop
(1)
7.1
7.5
7.9
THERMAL SHUTDOWN
Thermal shutdown
176
°C
Thermal shutdown hysteresis
12
°C
ERROR AMPLIFIER
Enable to COMP active
VIN = 12 V, TA = 25°C
540
µs
(1)
Open-loop current limit measured directly at the SW pin and is independent of the inductor value and slope compensation.
6.6 Timing Requirements
TJ = –40°C to 150°C, VIN = 4.5 V to 42 V (unless otherwise noted)
MIN
NOM
MAX
UNIT
RT/CLK
Minimum CLK input pulse width
15
ns
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS54540-Q1


Número de pieza similar - TPS54540QDDARQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54540QDDARQ1 TI1-TPS54540QDDARQ1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
More results

Descripción similar - TPS54540QDDARQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54060A TI-TPS54060A_15 Datasheet
2Mb / 52P
[Old version datasheet]   0.5A, 60V Step Down DC/DC Converter with Eco-mode?
TPS54332DDAR TI1-TPS54332DDAR Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode
TPS54040 TI-TPS54040_10 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060 TI-TPS54060 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54332 TI1-TPS54332 Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode?
TPS54040 TI-TPS54040 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060 TI-TPS54060_10 Datasheet
2Mb / 49P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54332DDAR TI-TPS54332DDAR Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode?
TPS54060A TI1-TPS54060A Datasheet
2Mb / 50P
[Old version datasheet]   0.5A, 60V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54331 TI-TPS54331 Datasheet
940Kb / 24P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com