Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD95377Q4M Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CSD95377Q4M
Descripción Electrónicos  Synchronous Buck NexFET Power Stage
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CSD95377Q4M Datasheet(HTML) 10 Page - Texas Instruments

Back Button CSD95377Q4M Datasheet HTML 6Page - Texas Instruments CSD95377Q4M Datasheet HTML 7Page - Texas Instruments CSD95377Q4M Datasheet HTML 8Page - Texas Instruments CSD95377Q4M Datasheet HTML 9Page - Texas Instruments CSD95377Q4M Datasheet HTML 10Page - Texas Instruments CSD95377Q4M Datasheet HTML 11Page - Texas Instruments CSD95377Q4M Datasheet HTML 12Page - Texas Instruments CSD95377Q4M Datasheet HTML 13Page - Texas Instruments CSD95377Q4M Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Ambient Temperature (qC)
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
D003
400 LFM
200 LFM
100 LFM
Nat. conv.
Board Temperature (qC)
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
35
D004
Min
Typ
Output Current (A)
3
6
9
12
15
18
21
24
27
30
0
1
2
3
4
5
6
7
D001
Typ
Max
TC - Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
150
0.7
0.75
0.8
0.85
0.9
0.95
1
1.05
D003
CSD95377Q4M
SLPS584 – DECEMBER 2015
www.ti.com
Typical Application (continued)
8.2.1 Application Curves
TJ = 125°C, unless stated otherwise.
VIN = 12 V
VDD = 5 V
VOUT = 1.8 V
VIN = 12 V
VDD = 5 V
VOUT = 1.8 V
ƒSW = 500 kHz
LOUT = 0.29 µH
ƒSW = 500 kHz
LOUT = 0.29 µH
Figure 4. Power Loss vs Output Current
Figure 5. Power Loss vs Temperature
VIN = 12 V
VDD = 5 V
VOUT = 1.8 V
VIN = 12 V
VDD = 5 V
VOUT = 1.8 V
ƒSW = 500 kHz
LOUT = 0.29 µH
ƒSW = 500 kHz
LOUT = 0.29 µH
Figure 7. Typical Safe Operating Area (1)
Figure 6. Safe Operating Area – PCB Horizontal Mount (1)
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated


Número de pieza similar - CSD95377Q4M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD95372AQ5M TI-CSD95372AQ5M Datasheet
1Mb / 24P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD95372AQ5M TI-CSD95372AQ5M_15 Datasheet
1Mb / 26P
[Old version datasheet]   CSD95372AQ5M Synchronous Buck NexFET??Power Stage
CSD95372BQ5M TI1-CSD95372BQ5M Datasheet
796Kb / 13P
[Old version datasheet]   Synchronous Buck NexFET Smart Power Stage
CSD95372BQ5MC TI-CSD95372BQ5MC Datasheet
799Kb / 13P
[Old version datasheet]   CSD95372BQ5MC Synchronous Buck NexFET Smart Power Stage
CSD95372BQ5MCT TI-CSD95372BQ5MCT Datasheet
799Kb / 13P
[Old version datasheet]   CSD95372BQ5MC Synchronous Buck NexFET Smart Power Stage
More results

Descripción similar - CSD95377Q4M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
JUNE2011
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97374Q4M TI1-CSD97374Q4M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD96370Q5M TI-CSD96370Q5M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M_1110 TI-CSD97370Q5M_1110 Datasheet
789Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD96371Q5M TI-CSD96371Q5M Datasheet
1Mb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD95372AQ5M TI-CSD95372AQ5M Datasheet
1Mb / 24P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD95373AQ5M TI1-CSD95373AQ5M Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97370Q5M TI-CSD97370Q5M_15 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com