Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PFM4414BB6M24D0C00 Datasheet(PDF) 7 Page - Vicor Corporation

No. de Pieza. PFM4414BB6M24D0C00
Descripción  Chassis mount or board mount packaging options
Descarga  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo 

PFM4414BB6M24D0C00 Datasheet(HTML) 7 Page - Vicor Corporation

Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
PFMin a VIA Package
Rev 1.0
vicorpower.com
Page 7 of 23
12/2015
800 927.9474
PFM4414xB6M24D0yzz
Electrical Specifications (Cont.)
Specifications apply over all line and load conditions, 50 Hz and 60 Hz line frequencies, TJ = 25°C, unless otherwise noted.
Boldface specifications apply over the temperature range of the specified product grade. COUT is 44,000 µF +/- 20% unless otherwise specified.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Powertrain Protections
Input undervoltage turn-on
VIN-UVLO+
See Timing Diagram
74
83
VRMS
Input undervoltage turn-off
VIN-UVLO-
65
71
VRMS
Input overvoltage turn-on
VIN-UVLO-
See Timing Diagram
265
270
VRMS
Input overvoltage turn-off
VIN-UVLO+
273
287
VRMS
Output overvoltage threshold
VOUT-UVLO+
Instantaneous, latched shutdown
29
30.5
32
V
Upper start / restart temperature
threshold (case)
TCASE-OTP-
100
°C
Overtemperature shutdown
threshold (junction)
TJ-OTP+
125
°C
Overtemperature shutdown
threshold (case)
TCASE-OTP+
110
°C
Overcurrent blanking time
TOC
Based on line frequency
400
460
550
ms
Input overvoltage response time
TPOVP
40
ms
Input undervoltage response time
TUVLO
Based on line frequency
200
ms
Output overvoltage response time
TSOVP
Powertrain on
30
ms
Short circuit response time
TSC
Powertrain on, operational state
270
µs
Fault retry delay time
TOFF
See Timing Diagram
10
s
Output power limit
PPROT
50% overload for 20 ms typ allowed
400
W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn