Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PFM4414BB6M24D0C00 Datasheet(PDF) 11 Page - Vicor Corporation

No. de Pieza. PFM4414BB6M24D0C00
Descripción  Chassis mount or board mount packaging options
Descarga  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo 

PFM4414BB6M24D0C00 Datasheet(HTML) 11 Page - Vicor Corporation

Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
PFMin a VIA Package
Rev 1.0
vicorpower.com
Page 11 of 23
12/2015
800 927.9474
PFM4414xB6M24D0yzz
Figure 12 — Typical line current waveform, VIN = 120 V,
60 HZ IOUT = 16.7 A, COUT = 44,000 µF
Figure 11 — Line drop out, 90° phase, VIN = 230 V,
IOUT = 16.7 A, COUT = 44,000 µF
Figure 10 — Line drop out, 230 V 50 Hz, 0° phase,
IOUT = 16.7 A, COUT = 44,000 µF
Figure 9 — 230 V, 120 V range change transient response,
IOUT = 16.7 A, COUT = 44,000 µF
Figure 7 — Typical output voltage transient response,
TCASE = 30ºC, VIN = 230 V, IOUT = 16.7 A, 4.2 A
COUT = 44,000 µF
Figure 8 — Typical startup waveform, application of VIN ,
RLOAD = 1.4 Ω, COUT = 44,000 µF
Application Characteristics (Cont.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn