Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PFM4414BB6M24D0C00 Datasheet(PDF) 12 Page - Vicor Corporation

No. de Pieza. PFM4414BB6M24D0C00
Descripción  Chassis mount or board mount packaging options
Descarga  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo 

PFM4414BB6M24D0C00 Datasheet(HTML) 12 Page - Vicor Corporation

Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
PFM4414xB6M24D0yzz
PFMin a VIA Package
Rev 1.0
vicorpower.com
Page 12 of 23
12/2015
800 927.9474
Load Current (A)
85 V
115 V
230 V
V :
IN
85 V
115 V
230 V Eff
P Diss
10
15
20
25
30
35
40
45
50
78
80
82
84
86
88
90
92
94
0
2
4
6
8
1012141618
Figure 17 — VIN to VOUT efficiency and power dissipation
vs. VIN and IOUT , TCASE = 80ºC
115V, 90% load, QPk and Avg:
150 kHz
30 MHz
Trd
55022RED
SGL
Unit
dB
æV
2AV
3QP
ResBW
9 kHz
Meas T
20 ms
Det
MA
Att 20 dB
INPUT 2
21.Dec 2015 11:12
1 MHz
10 MHz
30
40
50
60
70
80
90
20
100
Date:
21.DEC.2015
11:12:10
Figure 13 — Typical EMI Spectrum, QPk, Average Scan, 90%
load,115 VIN, COUT = 44,000 µF using Typical Chassis
Mount Application Circuit
Application Characteristics (Cont.)
230V, 90% load, QPk and Avg:
150 kHz
30 MHz
Trd
55022RED
SGL
Unit
dB
æV
2AV
3QP
ResBW
9 kHz
Meas T
20 ms
Det
MA
Att 20 dB
INPUT 2
21.Dec 2015 09:18
1 MHz
10 MHz
30
40
50
60
70
80
90
20
100
Date:
21.DEC.2015
09:18:37
Figure 14 — Typical EMI Spectrum, QPk, Average Scan, 90% load,
230 VIN, COUT = 44,000 µF using Typical Chassis Mount
Application Circuit
Load Current (A)
85 V
115 V
230 V
V :
IN
85 V
115 V
230 V
Eff
P Diss
10
15
20
25
30
35
40
45
50
78
80
82
84
86
88
90
92
94
0
2
4
6
8
10
12
14
16
18
Figure 15 — VIN to VOUT efficiency and power dissipation
vs. VIN and IOUT , TCASE = -40ºC
Load Current (A)
85 V
115 V
230 V
V :
IN
85 V
115 V
230 V
Eff
P Diss
10
15
20
25
30
35
40
45
50
78
80
82
84
86
88
90
92
94
0
2
4
6
8
10
12
14
16
18
Figure 16 — VIN to VOUT efficiency and power dissipation
vs. VIN and IOUT , TCASE = 25ºC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn